전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTH006A0X 데이터시트(PDF) 8 Page - Lineage Power Corporation

부품명 APTH006A0X
상세설명  Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTH006A0X 데이터시트(HTML) 8 Page - Lineage Power Corporation

Back Button APTH006A0X_11 Datasheet HTML 4Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 5Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 6Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 7Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 8Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 9Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 10Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 11Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Data Sheet
January 13, 2011
Pico TLynxTM 6A: Non-isolated DC-DC Power Modules
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
LINEAGE POWER
8
Characteristic Curves (continued)
The following figures provide typical characteristics for the Pico TLynx
TM 6A modules at 1.8Vo and 25oC
70
75
80
85
90
95
01
23
45
6
Vin=5.5V
Vin=3.3V
Vin=2.4V
5.0
5.2
5.4
5.6
5.8
6.0
6.2
20
30
40
50
60
70
80
90
NC
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 13. Converter Efficiency versus Output Current.
Figure 14. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (20
μs /div)
Figure 15. Typical output ripple and noise (VIN = 5V, Io =
Io,max).
Figure 16. Transient Response to Dynamic Load
Change from 0% to 50% to 0% with VIN=5V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 17. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 18. Typical Start-up Using Input Voltage (VIN =
5V, Io = Io,max).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com