전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTH012A0X 데이터시트(PDF) 3 Page - Lineage Power Corporation

부품명 APTH012A0X
상세설명  Micro TLynxTM: Non-Isolated DC-DC Power Modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTH012A0X 데이터시트(HTML) 3 Page - Lineage Power Corporation

  APTH012A0X_10 Datasheet HTML 1Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 2Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 3Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 4Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 5Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
October 27, 2010
Micro TLynxTM: Non-isolated DC-DC Power Modules:
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 12A output current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
All
VO, set
-1.5
+1.5
% VO, set
Output Voltage
All
VO, set
-3.0
+3.0
% VO, set
(Over all operating input voltage, resistive load,
and temperature conditions until end of life)
Adjustment Range
All
VO
0.6
3.63
Vdc
Selected by an external resistor
Output Regulation (for VO ≥ 2.5Vdc)
Line (VIN=VIN, min to VIN, max)
All
0.4
% VO, set
Load (IO=IO, min to IO, max)
All
10
mV
Output Regulation (for VO < 2.5Vdc)
Line (VIN=VIN, min to VIN, max)
All
10
mV
Load (IO=IO, min to IO, max)
All
5
mV
Temperature (Tref=TA, min to TA, max)
All
0.4
% VO, set
Remote Sense Range
All
0.5
V
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max Co = 0.1μF //
10 μF ceramic capacitors)
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
25
35
mVpk-pk
RMS (5Hz to 20MHz bandwidth)
All
10
15
mVrms
External Capacitance
1
Without the Tunable Loop
TM
ESR ≥ 1 mΩ
All
CO, max
0
200
μF
With the Tunable Loop
TM
ESR ≥ 0.15 mΩ
All
CO, max
0
1000
μF
ESR ≥ 10 mΩ
All
CO, max
0
5000
μF
Output Current
All
Io
0
12
Adc
Output Current Limit Inception (Hiccup Mode )
All
IO, lim
200
% Io,max
Output Short-Circuit Current
All
IO, s/c
30
% Io,max
(VO≤250mV) ( Hiccup Mode )
Efficiency
VO,set = 0.6Vdc
η
75.0
%
VIN= 3.3Vdc, TA=25°C
VO, set = 1.2Vdc
η
85.5
%
IO=IO, max , VO= VO,set
VO,set = 1.8Vdc
η
89.9
%
VO,set = 2.5Vdc
η
92.7
%
Vin=5Vdc
VO,set = 3.3Vdc
η
94.6
%
Switching Frequency
All
fsw
600
kHz
1 External capacitors may require using the new Tunable LoopTM feature to ensure that the module is stable as well as
getting the best transient response. See the Tunable Loop
TM section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com