전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTH012A0X 데이터시트(PDF) 10 Page - Lineage Power Corporation

부품명 APTH012A0X
상세설명  Micro TLynxTM: Non-Isolated DC-DC Power Modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTH012A0X 데이터시트(HTML) 10 Page - Lineage Power Corporation

Back Button APTH012A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 9Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 10Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 11Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 12Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 13Page - Lineage Power Corporation APTH012A0X_10 Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Data Sheet
October 27, 2010
Micro TLynxTM: Non-isolated DC-DC Power Modules:
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 12A output current
LINEAGE POWER
10
Characteristic Curves (continued)
The following figures provide typical characteristics for the Micro TLynx
TM at 3.3Vo and at 25oC.
80
85
90
95
100
02
46
8
10
12
Vin=5.5V
Vin=5V
Vin=4.5V
8
9
10
11
12
13
25
35
45
55
65
75
85
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
2m/s
(400LFM)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 25. Converter Efficiency versus Output Current.
Figure 26. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (20
μs /div)
Figure 27. Typical output ripple and noise (VIN = 5V, Io =
Io,max).
Figure 28. Transient Response to Dynamic Load
Change from 0% 50% to 0% with VIN=5V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 29. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 30. Typical Start-up Using Input Voltage (VIN =
5V, Io = Io,max).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com