전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL78310 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL78310
상세설명  High Performance 1A LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78310 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL78310 Datasheet HTML 1Page - Intersil Corporation ISL78310 Datasheet HTML 2Page - Intersil Corporation ISL78310 Datasheet HTML 3Page - Intersil Corporation ISL78310 Datasheet HTML 4Page - Intersil Corporation ISL78310 Datasheet HTML 5Page - Intersil Corporation ISL78310 Datasheet HTML 6Page - Intersil Corporation ISL78310 Datasheet HTML 7Page - Intersil Corporation ISL78310 Datasheet HTML 8Page - Intersil Corporation ISL78310 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL78310
5
FN7810.0
February 17, 2011
Absolute Maximum Ratings
Thermal Information
VIN relative to GND (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
VOUT relative to GND (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
PG, ENABLE, SENSE/ADJ, SS
Relative to GND (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
Recommended Operating Conditions (Notes 9, 10)
Junction Temperature Range (TJ) (Note 9) . . . . . . . . . . . .-40°C to +125°C
VIN relative to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.2V to 6V
VOUT range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800mV to 5V
PG, ENABLE, SENSE/ADJ, SS relative to GND . . . . . . . . . . . . . . . 0V to +6V
PG Sink Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
Thermal Resistance . . . . . . . . . . . . . . . . . . . .
θJA (°C/W) θJC (°C/W)
10 Ld DFN Package (Notes 7, 8) . . . . . . . .
48
7
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . 2500V
Machine Model (Tested per JESD-A115-A) . . . . . . . . . . . . . . . . . . . . . 250V
Charge Device Model (Tested per JESD22-C101C). . . . . . . . . . . . . . 1000V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6. Absolute maximum voltage rating is defined as the voltage applied for a lifetime average duty cycle above 6V of 1%.
7.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
8. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
9. Extended operation at these conditions may compromise reliability. Exceeding these limits will result in damage. Recommended operating conditions
define limits where specifications are guaranteed.
10. Electromigration specification defined as lifetime average junction temperature of +110°C where max rated DC current = lifetime average current.
Electrical Specifications Unless otherwise noted, VIN = VOUT + 0.4V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, ILOAD = 0A.
Applications must follow thermal guidelines of the package to determine worst case junction temperature. Please refer to “ISL78310 Schematic
Block Diagram” on page 4 and Tech Brief TB379. Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 11)
TYP
MAX
(Note 11)
UNITS
DC CHARACTERISTICS
DC Output Voltage Accuracy
VOUT
VOUT Options: 0.8V, 1.2V, 1.5V and 1.8V
2.2V
≤ VIN < 3.6V; 0A < ILOAD ≤ 1A
-1.8
0.2
1.8
%
VOUT Options: 2.5V, 3.3V and 5.0V
VOUT + 0.4V ≤ VIN ≤ 6V; 0A < ILOAD < 1A
-1.8
0.2
1.8
%
Feedback Pin (ADJ Option Only)
VADJ
2.2V
≤VIN ≤ 6V, 0A < ILOAD < 1A
491
500
509
mV
DC Input Line Regulation
ΔVOUT/
ΔVIN
VOUT + 0.5V < VIN < 5V
1
%
DC Output Load Regulation
ΔVOUT/
ΔIOUT
0A < ILOAD < 1A, All voltage options
-1
%
Feedback Input Current
VADJ = 0.5V
0.01
1
µA
Ground Pin Current
IQ
ILOAD = 0A, 2.2V < VIN < 6V
3
5
mA
ILOAD = 1A, 2.2V < VIN < 6V
5
7
mA
Ground Pin Current in Shutdown
ISHDN
ENABLE Pin = 0V, VIN = 6V
0.2
12
µA
Dropout Voltage (Note 12)
VDO
ILOAD = 1A, VOUT = 2.5V
130
212
mV
Output Short Circuit Current
OCP
VOUT = 0V, 2.2V < VIN < 6V
1.75
A
Thermal Shutdown Temperature
TSD
2.2V < VIN < 6V
160
°C
Thermal Shutdown Hysteresis
(Rising Threshold)
TSDn
2.2V < VIN < 6V
30
°C
AC CHARACTERISTICS
Input Supply Ripple Rejection
PSRR
f = 1kHz, ILOAD = 1A; VIN = 2.2V
58
dB
f = 120Hz, ILOAD = 1A; VIN = 2.2V
72
dB
Output Noise Voltage
ILOAD = 1A, BW = 10Hz < f < 100kHz
63
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com