전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL78310 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL78310
상세설명  High Performance 1A LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78310 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL78310 Datasheet HTML 5Page - Intersil Corporation ISL78310 Datasheet HTML 6Page - Intersil Corporation ISL78310 Datasheet HTML 7Page - Intersil Corporation ISL78310 Datasheet HTML 8Page - Intersil Corporation ISL78310 Datasheet HTML 9Page - Intersil Corporation ISL78310 Datasheet HTML 10Page - Intersil Corporation ISL78310 Datasheet HTML 11Page - Intersil Corporation ISL78310 Datasheet HTML 12Page - Intersil Corporation ISL78310 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ISL78310
9
FN7810.0
February 17, 2011
Applications Information
Input Voltage Requirements
ISL78310 is capable of delivering output voltages from 0.8V to
5.0V. Due to the nature of an LDO, VIN must be some margin
higher than the output voltage plus dropout at the maximum
rated current of the application if active filtering (PSRR) is
expected from VIN to VOUT. The generous dropout specification of
this family of LDOs allows applications to design for a level of
efficiency that can accommodate profiles smaller than the
TO220/263.
External Capacitor Requirements
GENERAL GUIDELINE
External capacitors are required for proper operation. Careful
attention must be paid to layout guidelines and selection of
capacitor type and value to ensure optimal performance.
OUTPUT CAPACITOR
The ISL78310 applies state-of-the-art internal compensation to
keep the selection of the output capacitor simple for the
customer. Stable operation over full temperation, VIN range, VOUT
range and load extremes are guaranteed for all capacitor types
and values assuming a minimum of 10µF X5R/X7R is used for
local bypass on VOUT. This output capacitor must be connected to
the VOUT and GND pins of the LDO with PCB traces no longer than
0.5cm. Additional capacitors of any value in ceramic, POSCAP,
alum/tantalum electrolytic types may be placed in parallel to
improve PSRR at higher frequencies and/or load transient AC
output voltage tolerances.
INPUT CAPACITOR
For proper operation, a minimum capacitance of 10µF X5R/X7R
is required at the input. This ceramic input capacitor must be
connected to VIN and GND pins of the LDO with PCB traces no
longer than 0.5cm.
Phase Boost Capacitor (CPB)
A small phase boost capacitor, CPB, can be placed across the top
resistor in the feedback resistor divider network (Figure 13
below) in order to place a zero at:
This zero increases the crossover frequency of the LDO and
provides additional phase resulting in faster load transient
response.
It is also important to note that the LDO stability and load transient
are affected by the type of output capacitor used. For optimal
result, empirical tuning of CPB is suggested for each specific
application. It is recommended to not use CPB when high ESR
capacitors such as Aluminum Electrolytic or Tantalum are used.
Table 1 shows the recommended CPB, RTOP, RBOTTOM and CPB
values for different output voltage rails.
Thermal Fault Protection
In the event the die temperature exceeds typically +160°C, then
the output of the LDO shuts down until the die temperature cools
down to typically +130°C. The level of power, combined with the
thermal resistance of the package (+48°C/W for DFN),
determines whether the junction temperature exceeds the
thermal shutdown temperature specified in the “Electrical
Specifications” table on page 5 (see thermal packaging
guidelines).
(EQ. 1)
FZ
12 pi RTOP CPB
•
•
•
()
⁄
=
TABLE 1.
VOUT
(V)
RTOP
(kΩ)
RBOTTOM
(Ω)
CPB
(pF)
COUT
(µF)
5.0
2.61
287
100
10
3.3
2.61
464
100
10
2.5
2.61
649
82
10
1.8
2.61
1.0k
82
10
1.5*
2.61
1.3k
68
10
1.5
2.61
1.3k
150
22
1.2*
2.61
1.87k
120
22
1.2*
2.61
1.87k
270
47
1.0
2.61
2.61k
220
47
0.8
2.61
4.32k
220
47
*Either option could be used, depending on cost/performance
requirements.
ISL78310
CIN
RTOP
RBOTTOM
CPB
VIN
VOUT
EN
SS
PG
COUT
ADJ
FIGURE 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com