전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

33984B 데이터시트(PDF) 31 Page - Freescale Semiconductor, Inc

부품명 33984B
상세설명  Dual Intelligent High-current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B 데이터시트(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 27Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 28Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 29Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 30Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 31Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 32Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 33Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 34Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
33984
PACKAGING
SOLDERING INFORMATION
PACKAGING
SOLDERING INFORMATION
SOLDERING INFORMATION
The 33984 is packaged in a surface mount power package
intended to be soldered directly on the printed circuit board.
The 33984 was qualified in accordance with JEDEC
standards JESD22-A113-B and J-STD-020A. The
recommended reflow conditions are as follows:
• Convection: 225°C +5.0/-0°C
• Vapor Phase Reflow (VPR): 215°C to 219°C
• Infrared (IR)/Convection: 225°C +5.0/-0°C
The maximum peak temperature during the soldering
process should not exceed 230°C. The time at maximum
temperature should range from 10 to 40 s maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com