전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

33984B 데이터시트(PDF) 36 Page - Freescale Semiconductor, Inc

부품명 33984B
상세설명  Dual Intelligent High-current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B 데이터시트(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 30Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 31Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 32Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 33Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 34Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 35Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 36Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 37Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 38Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33984
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 3. Device on Thermal Test Board RθJA
Figure 4. Transient Thermal Resistance RθJA (1 W Step Response)
Device on Thermal Test Board Area A = 600(mm2)
0
10
20
30
40
50
60
70
80
Heat spreading area A [mm²]
0300
600
RθJA11
RθJA22
RθJA12 =RθJA21
x
0.1
1
10
100
1.00E-03
1.00E-02
1.00E-01
1.00E+00 1.00E+01 1.00E+02
1.00E+03 1.00E+04
Time[s]
RθJA11
RθJA22
RθJA12 =RθJA21
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com