| 전자부품 데이터시트 검색엔진 |
|
PIC16F1526 데이터시트(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1526 데이터시트(HTML) 14 Page - Microchip Technology |
|
14 / 354 page ![]() PIC16(L)F1526/27 DS41458A-page 14 Preliminary 2011 Microchip Technology Inc. RB7/ICSPDAT/ICDDAT RB7 TTL CMOS General purpose I/O with IOC and WPU. ICSPDAT ST CMOS ICSP™ Data I/O. ICDDAT ST CMOS In-Circuit Data I/O. RC0/SOSCO/T1CKI RC0 ST CMOS General purpose I/O. SOSCO XTAL XTAL Timer1/3/5 oscillator connection. T1CKI ST — Timer1/3/5 clock input. RC1/SOSCI/CCP2(1) RC1 ST CMOS General purpose I/O. SOSCI XTAL XTAL Timer1/3/5 oscillator connection. CCP2 ST CMOS Capture/Compare/PWM2. RC2/CCP1 RC2 ST CMOS General purpose I/O. CCP1 ST CMOS Capture/Compare/PWM1. RC3/SCK1/SCL1(3) RC3 ST CMOS General purpose I/O. SCK1 ST CMOS SPI clock. SCL1 I2C™ OD I2C™ clock. RC4/SDI1/SDA1(3) RC4 ST CMOS General purpose I/O. SDI1 ST — SPI data input. SDA1 I2C™ OD I2C™ data input/output. RC5/SDO1 RC5 ST CMOS General purpose I/O. SDO1 — CMOS SPI data output. RC6/TX1/CK1 RC6 ST CMOS General purpose I/O. TX1 — CMOS USART1 asynchronous transmit. CK1 ST CMOS USART1 synchronous clock. RC7/RX1/DT1 RC7 ST CMOS General purpose I/O. RX1 ST — USART1 asynchronous input. DT1 ST CMOS USART1 synchronous data. RDO/AN23 RD0 ST CMOS General purpose I/O with WPU. AN23 AN — A/D Channel 23 input. RD1/AN24/T5CKI RD1 ST CMOS General purpose I/O with WPU. AN24 AN — A/D Channel 24 input. T5CKI ST — Timer5 clock input. RD2/AN25 RD2 ST CMOS General purpose I/O with WPU. AN25 AN — A/D Channel 25 input. RD3/AN26 RD3 ST CMOS General purpose I/O with WPU. AN26 AN — A/D Channel 26 input. RD4/SDO2 RD4 ST CMOS General purpose I/O with WPU. SDO2 — CMOS SPI data output. RD5/SDI2/SDA2(3) RD5 ST CMOS General purpose I/O with WPU. SDI2 ST — SPI data input. SDA2 I2COD I2C™ data input/output. TABLE 1-2: PIC16(L)F1526 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Peripheral pin location selected using APFCON register. Default location. 2: Peripheral pin location selected using APFCON register. Alternate location. 3: RC3, RC4, RD5 and RD6 read the I2C ST input when I2C mode is enabled. |