전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R261 데이터시트(PDF) 13 Page - ON Semiconductor

부품명 R261
상세설명  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 데이터시트(HTML) 13 Page - ON Semiconductor

Back Button R261 Datasheet HTML 9Page - ON Semiconductor R261 Datasheet HTML 10Page - ON Semiconductor R261 Datasheet HTML 11Page - ON Semiconductor R261 Datasheet HTML 12Page - ON Semiconductor R261 Datasheet HTML 13Page - ON Semiconductor R261 Datasheet HTML 14Page - ON Semiconductor R261 Datasheet HTML 15Page - ON Semiconductor R261 Datasheet HTML 16Page - ON Semiconductor R261 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
BelaSigna R261
http://onsemi.com
13
Architecture Detailed Information
The architecture of BelaSigna R261 is shown in Figure 5.
Interrupt
Controller
Power Mgt
PLL and
Clock
Detection
Algorithm
Protection
Timers
SPI
UART
Output
Driver0
GPIO
BelaSigna R261
Preamps
A/D
A/D
PCM/I2S
Interpolation
D/A
D/A
Ch0
Ch1
DMIC
LSAD
Debug
Port
Custom
Handler
DSP−Based
Application Controller
Two−Microphone
Noise Reduction
(BSE)
Algorithm
Control
Sleep Mode
Control
H/W Config
Selection
Boot
Selection
Command
Handler
Mode
Switching
System
Monitoring
Figure 5. BelaSigna R261 Architecture: A Complete Audio Processing System
I2C
Mode
Decimation
I2C
Two−Microphone Noise Reduction System
Blind Speech Extraction (BSE) from Exaudio AB
BelaSigna R261 contains the BSE algorithm inside its
ROM memory. Exaudio offers a unique solution to the
problem of blindly extracting wave propagating signals
using one or more sensors without having any prior
knowledge about source’s or sensor’s positions. The
solution operates simultaneously in the frequency, temporal
and the spatial domain using one global optimization
criterion, with no constraints on the number of sources vs.
the number of sensors. The solution is Signal−to−Noise
Ratio (SNR) independent, meaning that it operates
optimally in both low SNR as in high SNR environments and
at the same time it performs de−reverberation of the received
signals. The solution is ideal for electronic communication
devices such as mobile phones and portable computers
where it is desired to extract useful speech signals hidden in
various noise fields. The flexibility offered by Exaudio’s
solution allows for flexible microphone positioning and
arbitrary placement of the self adaptive device in the actual
environment.
Algorithm Modes
The noise reduction algorithm built into BelaSigna R261
has two algorithm modes called Algorithm Mode 0 and
Algorithm Mode 1. Algorithm Mode 0 is optimized for
far−talk applications where the end user can be very far from
the microphones (up to 6 meters) such as laptops or
speakerphones (including cell phones in a speakerphone
mode). This algorithm mode is also known as “Conference
Mode”. Algorithm Mode 1 is optimized for close−talk
applications where the end user is close to the microphones
(< 5 cm) such as telephony handset (including cell phones
in a handset mode).
A Custom Algorithm Mode is also available in BelaSigna
R261; it allows supporting special configurations and tuning
by loading new algorithm parameters via an external
EEPROM or the I2C control interface. The algorithm
performance can be optimized for specific applications,
microphones types and positioning as well as other system
parameters via this mechanism.
For additional details on the custom mode handler and
algorithm performance tuning options, please refer to
“BelaSigna R261 Configuration & Communications
Guide.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com