전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R261 데이터시트(PDF) 21 Page - ON Semiconductor

부품명 R261
상세설명  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 데이터시트(HTML) 21 Page - ON Semiconductor

Back Button R261 Datasheet HTML 17Page - ON Semiconductor R261 Datasheet HTML 18Page - ON Semiconductor R261 Datasheet HTML 19Page - ON Semiconductor R261 Datasheet HTML 20Page - ON Semiconductor R261 Datasheet HTML 21Page - ON Semiconductor R261 Datasheet HTML 22Page - ON Semiconductor R261 Datasheet HTML 23Page - ON Semiconductor R261 Datasheet HTML 24Page - ON Semiconductor R261 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
BelaSigna R261
http://onsemi.com
21
The DMIC host can consequently ignore the algorithm
enable/disable functionality, as both processed and
un−processed signals are always output for all pre−defined
DMIC configurations. This functionality can still be used
with custom DMIC configurations, such as mono. These
custom configurations can be made over the I2C interface.
When the DMIC interface is not required or needed, the
analog outputs can be used for interfacing at line−levels or
other signal levels, e.g. microphone levels for an external
system which expects low level signals (e.g. an analog
baseband chipset).
There are three configurable aspects of the analog output
stage – the selection of stereo (two single ended outputs) or
mono (one differential output), the output attenuation and
the reconstruction filter. When a stereo single−ended option
is selected, each channel is filtered to generate an analog
signal which is then scaled by a configurable output
attenuator (OA in Figure 10). In mono differential mode,
channel 1 is replaced by an inverted version of channel 0
such that the two output pins contain a differential signal for
channel 0. In this latter case, both output attenuators are
used, so it is mandatory to ensure that they have the same
attenuation settings. This can be configured using I2C
commands.
As defined with the CONFIG_SEL pin, some pre−defined
configurations have been designed specifically for use with
analog output instead of DMIC interface. For these
configurations, a differential mono analog output is
pre−configured
by
the
ROM−based
application.
Consequently, the host processor will have to use the
algorithm enable/disable pin (ALGO_CTRL) or the I2C
interface, to swap between the processed and the
non−processed signal, as shown on Table 12:
Table 12.
ANALOG MONO DIFFERENTIAL OUTPUT SIGNAL
Algorithm Enabled
Algorithm Disabled
A_OUT0 −
A_OUT1
BSE processed signal
Un−processed signal
Alternatively, when stereo analog outputs have been
configured through the I2C interface, the signals on the two
output pins will be as shown on Table 13:
Table 13. ANALOG STEREO OUTPUT SIGNALS
Algorithm Enabled
Algorithm Disabled
A_OUT0
BSE processed signal
Un−processed signal
A_OUT1
Un−processed signal
BSE Processed signal
The attenuation of these analog signals can be done by
using the ATT_SEL mechanism described earlier, but
alternatively, the I2C interface can also be used for this
purpose.
The reconstruction filters can also be altered by I2C
commands; typically, the cut−off frequency can be switched
between 13 kHz (default) and 26 kHz.
The WLCSP-26 package option doesn’t provide access to
the A_OUT0 pin. Consequently, only A_OUT1 is available
as an analog output. For the predefined configurations
(using CONFIG_SEL), the analog output stage is
configured to provide a mono differential output signal, as
described on Table 12. The A_OUT1 signal will thus be an
inverted version of the processed output channel. Access to
the un-processed signal will have to be done with an I2C
command, or potentially with the ALGO_CTRL signal,
with the precautions discussed earlier concerning the
automatic booting process (See the Boot Control section for
additional details).
A third output method is available on BelaSigna R261,
using the Class−D output driver which can drive an output
transducer without the need for a separate power amplifier.
The output driver can also be configured for single ended
stereo or differential mono, through the same I2C commands
as described for the analog outputs.
For optimal audio performance it is important to note that
the VBATRCVR power supply must be connected
differently, depending on whether the output driver or the
analog outputs are being used:
• When using the analog outputs, VBATRCVR must be
connected to VDDA on the application PCB
• When using the output driver, VBATRCVR must be
connected to VBAT on the application PCB and must
be decoupled with an external capacitor
When interfacing BelaSigna R261 with other processors
like codecs or baseband chipsets, it is not recommended to
use the output driver, but rather the analog outputs.
Clock Generation Circuitry
BelaSigna R261 is equipped with a fully configurable and
flexible clocking system, which allows for a large number of
clocking configurations for various different use cases.
Computing applications would typically require the use of
a DMIC interface, which imposes constraints on the
BelaSigna R261 clocking system, such as it provides full
synchronization between an incoming DMIC clock and the
DMIC data that the chip will produce. The input frequencies
that these systems usually operate with are in the range of
2.048 to 3.072 MHz. Mobile phone applications would
typically use much higher clock frequencies; historically,
baseband systems have been using 13 MHz or 26 MHz, or
even 19.2 MHz or 38.4 MHz.
The variety of clocking use cases that BelaSigna R261
must support forced the integration of a phase locked loop
as one of the components of BelaSigna R261’s clock
generation circuitry. This highly configurable PLL is shown
in Figure 12, in the context of the BelaSigna R261 clocking
architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com