전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDEP1411 데이터시트(PDF) 2 Page - Sumida Corporation

부품명 CDEP1411
상세설명  Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP1411 데이터시트(HTML) 2 Page - Sumida Corporation

  CDEP1411 Datasheet HTML 1Page - Sumida Corporation CDEP1411 Datasheet HTML 2Page - Sumida Corporation CDEP1411 Datasheet HTML 3Page - Sumida Corporation CDEP1411 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Characteristics specification.
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP1411
※1 Measuring frequency inductance at 100kHz .
※2 ( ) are typical value.
※3 Saturation current: The DC current at which the inductance decreases to 75% of its nominal value.
※4 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
Electrical characteristics-1
Electrical characteristics-2
8.3
5.0
6.4
11.28(9.4)
22
±20%
220MH
CDEP1411NP-220MC-150
06
9.0
5.5
7.2
9.72(8.1)
18
±20%
180MH
CDEP1411NP-180MC-150
05
9.6
6.0
8.0
8.40(7.0)
15
±20%
150MH
CDEP1411NP-150MC-150
04
10.3
6.5
8.5
7.56(6.3)
12
±20%
120MH
CDEP1411NP-120MC-150
03
12.5
6.9
9.2
5.40(4.5)
10
±20%
100MH
CDEP1411NP-100MC-150
02
13.0
8.4
10.8
4.44(3.7)
7.4
±20%
7R4MH
CDEP1411NP-7R4MC-150
01
(at105
℃)
(at20
℃)
Temperature
rise current
(
A) ※4
saturation current
(A)※3
D.C.R.
(m
Ω)[Max.]
(at 20
℃)
※2
Inductance
(uH)
[Within]
※1
Stamp
Part name
NO
8.3
8.3
10.9
11.28(9.4)
14
±20%
140ML
CDEP1411NP-140MC-95
12
9.0
9.0
11.8
9.72(8.1)
12
±20%
120ML
CDEP1411NP-120MC-95
11
9.6
10.0
13.1
8.40(7.0)
10
±20%
100ML
CDEP1411NP-100MC-95
10
10.3
11.2
14.8
7.56(6.3)
7.7
±20%
7R7ML
CDEP1411NP-7R7MC-95
09
12.5
12.4
16.4
5.40(4.5)
6.1
±20%
6R1ML
CDEP1411NP-6R1MC-95
08
13.0
14.0
18.4
4.44(3.7)
4.7
±20%
4R7ML
CDEP1411NP-4R7MC-95
07
(at105
℃)
(at20
℃)
Temperature
rise current
(
A) ※4
saturation current
(A)※3
D.C.R.
(m
Ω)[Max.]
(at 20
℃)
※2
Inductance
(uH)]
[Within]
※1
Stamp
Part name
NO



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com