전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDEP1411 데이터시트(PDF) 3 Page - Sumida Corporation

부품명 CDEP1411
상세설명  Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP1411 데이터시트(HTML) 3 Page - Sumida Corporation

  CDEP1411 Datasheet HTML 1Page - Sumida Corporation CDEP1411 Datasheet HTML 2Page - Sumida Corporation CDEP1411 Datasheet HTML 3Page - Sumida Corporation CDEP1411 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP1411
Rated Current Curve
Saturation current and Temperature rise
Part No.:CDEP1411NP-7R4MC-150
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.00
2.00
4.00
6.00
8.00
10.00 12.00 14.00 16.00 18.00
Current (A)
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
L(20℃)
L(105℃)
Delta(△T)
Saturation current and Temperature rise
Part No.:CDEP1411NP-100MC-150
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
Current (A)
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
L(20℃)
L(105℃)
Delta(△T)
In
du
ct
an
ce
μ
Saturation current and Temperature rise
Part No.:CDEP1411NP-120MC-150
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
Current (A)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
L(20℃)
L(105℃)
Delta(△T)
Saturation current and Temperature rise
Part No.:CDEP1411NP-150MC-150
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
Current (A)
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
L(20℃)
L(105℃)
Delta(△T)
Saturation current and Temperature rise
In
du
ct
an
ce
μ
Part No.:CDEP1411NP-180MC-150
0.0
4.0
8.0
12.0
16.0
20.0
24.0
0.00
2.00
4.00
6.00
8.00
10.00
12.00
Current (A)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
L(20℃)
L(105℃)
Delta(△T)
In
du
ct
an
ce
μ
Saturation current and Temperature rise
Part No.:CDEP1411NP-220MC-150
0.0
4.0
8.0
12.0
16.0
20.0
24.0
0.00
2.00
4.00
6.00
8.00
10.00
12.00
Current (A)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
L(20℃)
L(105℃)
Delta(△T)
Saturation current and Temperature rise
Part No.:CDEP1411NP-4R7MC-95
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.00
5.00
10.00
15.00
20.00
25.00
30.00
Current (A)
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
L(20℃)
L(105℃)
Delta(△T)
Current (A)
Saturation current and Temperature rise
Part No.:CDEP1411NP-6R1MC-95
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0.00
5.00
10.00
15.00
20.00
25.00
30.00
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
L(20℃)
L(105℃)
Delta(△T)



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com