| 전자부품 데이터시트 검색엔진 |
|
PIC16F1847 데이터시트(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1847 데이터시트(HTML) 16 Page - Microchip Technology |
|
16 / 408 page ![]() PIC16(L)F1847 DS41453B-page 16 Preliminary 2011 Microchip Technology Inc. VSS VSS Power — Ground reference. TABLE 1-2: PIC16F/LF1847 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Pin functions can be moved using the APFCON0 or APFCON1 register. 2: Default function location. |