전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8531U 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 PCF8531U
상세설명  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button PCF8531U Datasheet HTML 4Page - NXP Semiconductors PCF8531U Datasheet HTML 5Page - NXP Semiconductors PCF8531U Datasheet HTML 6Page - NXP Semiconductors PCF8531U Datasheet HTML 7Page - NXP Semiconductors PCF8531U Datasheet HTML 8Page - NXP Semiconductors PCF8531U Datasheet HTML 9Page - NXP Semiconductors PCF8531U Datasheet HTML 10Page - NXP Semiconductors PCF8531U Datasheet HTML 11Page - NXP Semiconductors PCF8531U Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
8 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
T4
56
−1380.5
823.4
test input 4
[8]
VSS2
57
−1660.5
823.4
ground 2
[9]
VSS2
58
−1730.5
823.4
VSS2
59
−1800.5
823.4
VSS2
60
−1870.5
823.4
VSS2
61
−1940.5
823.4
VSS2
62
−2010.5
823.4
VSS2
63
−2080.5
823.4
VSS1
64
−2220.5
823.4
ground 1
[9]
VSS1
65
−2290.5
823.4
VSS1
66
−2360.5
823.4
VSS1
67
−2430.5
823.4
VSS1
68
−2500.5
823.4
VSS1
69
−2570.5
823.4
VSS1
70
−2640.5
823.4
T3
71
−2780.5
823.4
test 3
[8]
T1
72
−3060.5
823.4
test 1
[8]
SCL
73
−3410.5
823.4
serial clock line input of the I2C-bus
SCL
74
−3480.5
823.4
-75
−3830.5
823.4
dummy
-76
−4180.5
823.4
-77
−4530.5
823.4
T2
78
−4600.5
823.4
test 2 output
[10]
-79
−4880.5
823.4
dummy
-80
−4950.5
823.4
-81
−5230.5
823.4
-82
−5300.5
823.4
-83
−5650.5
823.4
-84
−5720.5
823.4
-85
−5930.5
823.4
-86
−5926.4
−821.7
R0
87
−5786.4
−821.7
LCD row driver output
R2
88
−5716.4
−821.7
R4
89
−5646.4
−821.7
R6
90
−5576.4
−821.7
R8
91
−5506.4
−821.7
R10
92
−5436.4
−821.7
Table 5.
Bonding pad description …continued
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 2).
Symbol
Pad
X (
μm)
Y (
μm)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51