전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0RCY-60U12 데이터시트(PDF) 3 Page - Bel Fuse Inc.

부품명 0RCY-60U12
상세설명  ISOLATED DC/DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEL [Bel Fuse Inc.]
홈페이지  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-60U12 데이터시트(HTML) 3 Page - Bel Fuse Inc.

  0RCY-60U12 Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
3
ISOLATED DC/DC CONVERTERS
18 Vdc - 75 Vdc Input
12 Vdc /7 A Output
Apr. 28, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Specifications (continued)
Parameter
Min
Typ
Max
Unit
Notes
Output Current Range
0
-
7
A
Output DC Current Limit
7.7
-
11
A
Vin=48 V, in Hiccup Mode.
Short Circuit Surge Transient
-
3
5
A
2s
Rise Time
5
10
15
mS
-
20
25
mS
Ton(Enable from Vin)
Turn on Time
-
20
25
mS
Ton(Enable from ON/OFF)
Overshoot at Turn on
-
0
3
%
Output Capacitance
0
-
1000
uF
Transient Response
Overshoot
-
300
400
mV
75% ~ 50%
Max Load
Settling Time
-
400
600
uS
Overshoot
-
300
400
mV
50% ~ 75%
Max Load
Settling Time
-
400
600
uS
di/dt=0.1 A/us, Vin=24 Vdc, Ta=25 °C,
with a 0.1 µF ceramic cap and a 10 uF
tantalum cap at output.
Note: All specifications are typical at nominal input, full load at 25°C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
Vin=24 V
Vin=48 V
90
90.5
91.5
92
-
-
%
%
Measured at normal Vin, full load.
Switching Frequency
240
258
280
kHz
Isolation Capacitance
-
1500
-
pF
Remote Sense Compensation
-
-
10
%
The total voltage increased by trim
and remote sense should not exceed
15%Vo.
Output Voltage Trim Range
80
-
110
%
Over Temperature Protection
-
125
-
C
Over Voltage Protection
-
-
13.8
V
Vin=48 V, full load, in Hiccup mode.
MTBF
1,867,232
hours
Calculated Per Bell Core SR-332
(Vo=12V, Io=80%load, Ta = 25
C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.30 x 0.896 x 0.49
58.42 x 22.76 x 12.47
-
0RCY-60U120 & 0RCY-60U12L
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.30 x 0.900 x 0.45
58.42 x 22.86 x 11.50
-
0RCY-60U12B
Weight
-
31.2
-
g
0RCY-60U120 & 0RCY-60U12L
Note: All specifications are typical at 25 C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com