전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0RCY-60U12 데이터시트(PDF) 7 Page - Bel Fuse Inc.

부품명 0RCY-60U12
상세설명  ISOLATED DC/DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEL [Bel Fuse Inc.]
홈페이지  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-60U12 데이터시트(HTML) 7 Page - Bel Fuse Inc.

Back Button 0RCY-60U12 Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 9Page - Bel Fuse Inc. 0RCY-60U12 Datasheet HTML 10Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
7
ISOLATED DC/DC CONVERTERS
18 Vdc - 75 Vdc Input
12 Vdc /7 A Output
Apr. 28, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Transient Response Waveforms (continued)
50%-75% Load Transients at Vin=24 V
75%-50% Load Transients at Vin=48 V
Note: Transients Response at Vo=12V, di/dt=0.1 A/us, with a 0.1 µF ceramic cap and a 10 uF tantalum cap at
output, and Ta=25 deg C.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com