전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC1406TS 데이터시트(PDF) 10 Page - Semtech Corporation

부품명 SC1406TS
상세설명  PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406TS 데이터시트(HTML) 10 Page - Semtech Corporation

Back Button SC1406TS Datasheet HTML 3Page - Semtech Corporation SC1406TS Datasheet HTML 4Page - Semtech Corporation SC1406TS Datasheet HTML 5Page - Semtech Corporation SC1406TS Datasheet HTML 6Page - Semtech Corporation SC1406TS Datasheet HTML 7Page - Semtech Corporation SC1406TS Datasheet HTML 8Page - Semtech Corporation SC1406TS Datasheet HTML 9Page - Semtech Corporation SC1406TS Datasheet HTML 10Page - Semtech Corporation SC1406TS Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SC1406
© 1999 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
PORTABLE PENTIUM
® II & III
POWER SUPPLY CONTROLLER
PRELIMINARY - August 27, 1999
10
Pentium is a registered trademark of Intel Corporation
Core Converter Soft Start Timer
The main purpose of this block is to control the ramp-
up time of the core voltage in order to reduce the ini-
tial inrush current on the core input voltage (battery)
rail. The soft start circuit consists of an internal cur-
rent source, external soft start timing capacitor, inter-
nal switch across the capacitor, and a comparator
monitoring the capacitor voltage.
LINEAR REGULATOR CONTROLLER
1.5V Linear Regulator
This block is a linear regulator controller, which drives
an external PNP bipolar transistor as a pass element.
The linear regulator is capable of delivering 500mA
steady state DC current and should support transient
current of 1A, assuming the output filtering capacitor
is properly selected to provide enough charge for the
duration of the load transient.
2.5V Linear Regulator
This block is a low drop-out (LDO) linear regulator
controller, which drives an external PNP bipolar tran-
sistor as a pass element. The LDO linear regulator is
capable of delivering 100mA steady DC current and
should support transient current of 100mA, assuming
the output filtering capacitor is properly selected to
provide enough charge for the duration of the load
transient.
Linear Regulator Soft Start Timer
A soft start timer circuit of the linear regulators is simi-
lar to that of the core converter, and is used to control
the ramp up time of the linear regulator output volt-
ages. For maximum flexibility in controlling the start
up sequence, the soft start function of the linear regu-
lators is separated from that of the core converter.
VOLTAGE CLAMP
The level translator converts an input voltage swing
on the IO rail, into a voltage swing on the CLK or VCC
rail depending on where the open drain output of the
translator is tied to through an external pull-up resistor.
The level translator has to track the input in phase,
and must be able to switch in 5ns (typical) following an
input threshold intercept.
APPLICATION INFORMATION
Power on/off Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com