전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC3H41XNIP 데이터시트(PDF) 1 Page - Sharp Corporation

부품명 PC3H41XNIP
상세설명  AC Input, Low Input Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H41XNIP 데이터시트(HTML) 1 Page - Sharp Corporation

  PC3H41XNIP Datasheet HTML 1Page - Sharp Corporation PC3H41XNIP Datasheet HTML 2Page - Sharp Corporation PC3H41XNIP Datasheet HTML 3Page - Sharp Corporation PC3H41XNIP Datasheet HTML 4Page - Sharp Corporation PC3H41XNIP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC3H41X NIP Series
PC3Q410 NIP
PC3H41X NIP Series/PC3Q410 NIP
s Rank Table
s Absolute Maximum Ratings
s Outline Dimensions
(Unit : mm)
AC Input, Low Input Current
Type Photocoupler
1. Programmable controllers
2. Facsimiles
3. Telephones
s Applications
Model No.
Rank mark
Ic (mA)
Conditions
PC3H410NIP
PC3H411NIP
A or no mark
A
0.25 to 2.0
0.5 to 1.5
IF
=±0.5mA
VCE
=5V
Ta
=25°C
Model No.
Rank mark
Ic (mA)
Conditions
PC3Q410NIP
No mark
0.25 to 2.0
IF
=±0.5mA
VCE
=5V
Ta
=25°C
*1 Pulse width<=100
µs, Duty ratio=0.001
*2 40 to 60%RH, AC for 1 minute, f
=60Hz
*3 For 10s
Parameter
Symbol
Rating
Unit
Forward current
Peak forward current
IF
IFM
±10
±200
mA
mA
mA
Input
Output
V
Power dissipation
Collector-emitter voltage
P
15
Collector power dissipation
Collector current
Total power dissipation
150
70
50
mW
mW
mW
Ptot
IC
PC
VCEO
V
Emitter-collector voltage
6
VECO
Viso
kVrms
170
Operating temperature
Topr
−40 to +125
−30 to +100
°C
°C
Storage temperature
Isolation voltage
Tstg
*2
*3
*1
Soldering temperature
Tsol
260
2.5
°C
(Ta
=25°C)
PC3Q410NIP
0.4±
0.1
H 4 1
P C 3 Q 4 1
4.4±
0.2
5.3±
0.3
0.5+
0.4
−0.2
7.0+
0.2
−0.7
Anode mark
Epoxy resin
Internal connection
diagram
1
2
3
4
5.3±
0.3
C0.4
(Input side)
0.5+
0.4
−0.2
7.0+
0.2
−0.7
Epoxy resin
6
°
10.3±
0.3
1.27±
0.25
Primary side mark
8
1
9
16
PC3H41xNIP Series
1
2
4
3
Internal connection
diagram
1
4
3
2
Anode
(Cathode)
Cathode
(Anode)
Emitter
Collector
16
14
12
15
13
10
11
9
1
3
5
2
4
7
6
8
7
5
3
1
6
4
2
13
11
9
14
12
10
8
15
16
Anode
Anode (Cathode)
Cathode (Anode)
Emitter
Collector
0.2mm or more
Soldering area
s Features
1. Low input current type (IF
=±0.5mA)
2. High resistance to noise due to high common rejection
voltage (CMR:MIN. 10kV/
µs)
3. AC input type
4. Mini-flat package PC3H41X NIP Series (1ch)
PC3Q410 NIP (4ch)
5. Isolation voltage (Viso:2.5kVrms)
6. Recognized by UL, file No. E64380
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/


유사한 부품 번호 - PC3H41XNIP

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC3H410NIP SHARP-PC3H410NIP Datasheet
189Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
396Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H411NIP SHARP-PC3H411NIP Datasheet
189Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
More results

유사한 설명 - PC3H41XNIP

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC364N SHARP-PC364N Datasheet
63Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
Low Input Current Type Photocoupler
PC727 SHARP-PC727 Datasheet
36Kb / 2P
Low Input Current Drive Type Photocoupler
PC733 SHARP-PC733 Datasheet
66Kb / 4P
AC Input Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5