전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC3H41XNIP 데이터시트(PDF) 2 Page - Sharp Corporation

부품명 PC3H41XNIP
상세설명  AC Input, Low Input Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H41XNIP 데이터시트(HTML) 2 Page - Sharp Corporation

  PC3H41XNIP Datasheet HTML 1Page - Sharp Corporation PC3H41XNIP Datasheet HTML 2Page - Sharp Corporation PC3H41XNIP Datasheet HTML 3Page - Sharp Corporation PC3H41XNIP Datasheet HTML 4Page - Sharp Corporation PC3H41XNIP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC3H41X NIP Series/PC3Q410 NIP
s Electro-optical Characteristics
Fig.1 Test Circuit for Common Mode Rejection Voltage
Fig.2 Forward Current vs. Ambient
Temperature
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Forward voltage
Collector current
Isolation resistance
Floating capacitance
Response time
Common mode rejection voltage
Terminal capacitance
Collector dark current
Emitter-collector breakdown voltage
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Rise time
Fall time
VF
Ct
ICEO
BVCEO
BVECO
RISO
Cf
IC
VCE (sat)
tr
tf
CMR
Conditions
IF
=±10mA
IF
=±0.5mA, VCE=5V
IF
=±10mA, IC=1mA
V
=0, f=1kHz
VCE
=50V, IF=0
IC=0.1mA, IF=0
IE=10
µA, IF=0
DC500V 40 to 60%RH
V
=0, f=1MHz
VCE
=2V, IC=2mA, RL=100Ω
Ta
=25°C, RL=470Ω, VCM=1.5kV (peak),
IF
=0mA, VCC=9V, Vnp=100mV
1.4
V
70
6
0.25
5
×1010
10
11
30
1.2
2.0
250
0.6
1.0
4
18
3
18
100
10
V
V
V
0.2
µs
µs
kV/
µs
mA
pF
pF
nA
(Ta
=25°C)
*1 Refer to Fig.1.
*1
VCM
Vcp
Vnp
VO
(dV/dt)
1)
RL
Vnp
VCC
VCM
1) Vcp : Voltage which is generated by displacement current in floating
capacitance between primary and secondary side.
(Vcp Nearly = dV/dt×Cf×RL)
VCM : High wave
pulse
RL=470Ω
VCC=9V
Ambient temperature Ta (°C)
0
10
5
−30
0
25
50
75
100
125
Fig.3 Diode Power Dissipation vs. Ambient
Temperature
Ambient temperature Ta (°C)
0
15
10
5
−30
0
25
50
75
100
125



Html Pages

1 2 3 4 5