전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC733H 데이터시트(PDF) 1 Page - Sharp Corporation

부품명 PC733H
상세설명  High Input Current, AC Input Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC733H 데이터시트(HTML) 1 Page - Sharp Corporation

  PC733H Datasheet HTML 1Page - Sharp Corporation PC733H Datasheet HTML 2Page - Sharp Corporation PC733H Datasheet HTML 3Page - Sharp Corporation PC733H Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC733H
PC733H
High Input Current, AC Input
Type Photocoupler
s Features
3. High isolation voltage between input and
4. Low collector dark current
5. TTL compatible output
s Aapplications
1. Telephone sets
2. System appliances, measuring instruments
3. Signal transmission between circuits of
*1 Pulse width<= 100
µs, Duty ratio : 0.001
*3 For 10 seconds
PC733H
θ
diagram
Internal connection
θ
2. High input current ( I F : MAX. 150mA )
(Viso
output
s Outline Dimensions
different potentials and impedances
s Absolute Maximum Ratings
( Unit : mm)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
± 150
mA
*1 Peak forward current
I FM
±1
A
Power dissipation
P
230
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector-base voltage
VCBO
35
V
Emitter-base voltage
VEBO
6V
Collector current
IC
80
mA
Collector power dissipation
P C
160
mW
Total power dissipation
*2 Isolation voltage
Operating temperature
Storage temperature
*3 Soldering temperature
P tot
320
mW
V iso
T opr
- 25 to + 100
˚C
T stg
- 55 to + 125
˚C
T sol
260
˚C
( I CEO : MAX. 10 -7A at VCE = 20V)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
12
3
4
5
6
65
4
3
2
1
1
Anode, cathode
2
Anode, cathode
3
NC
4
Emitter
5
Collector
6
Base
1. AC input response
6. Recognized by UL, file No. E64380
Primary side mark
(Sunken place )
( Ta = 25˚C)
5 000
*2 40 to 60% RH, AC for 1 minute
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC733HI/PC733HP )
V rms
θ = 0 to 13 ˚
1.2 ± 0.3
9.22 ± 0.5
0.5 ± 0.1
2.54 ± 0.25
0.26 ± 0.1
7.62 ± 0.3
: 5 000 Vrms )
3.4 ± 0.5


유사한 부품 번호 - PC733H

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC733 SHARP-PC733 Datasheet
66Kb / 4P
AC Input Type Photocoupler
More results

유사한 설명 - PC733H

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC364N SHARP-PC364N Datasheet
63Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
Low Input Current Type Photocoupler
PC724V SHARP-PC724V Datasheet
59Kb / 4P
High Input Current Type Photocoupler
PC733 SHARP-PC733 Datasheet
66Kb / 4P
AC Input Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
PC364NJ0000F SHARP-PC364NJ0000F Datasheet
241Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com