전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC733H 데이터시트(PDF) 3 Page - Sharp Corporation

부품명 PC733H
상세설명  High Input Current, AC Input Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC733H 데이터시트(HTML) 3 Page - Sharp Corporation

  PC733H Datasheet HTML 1Page - Sharp Corporation PC733H Datasheet HTML 2Page - Sharp Corporation PC733H Datasheet HTML 3Page - Sharp Corporation PC733H Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC733H
0
0.1
80
0.2
0.5
1
2
5
10
20
50
200
100
70
60
50
40
30
20
10
Forward current I F ( mA )
Fig. 5 Current Transfer Ratio vs.
Forward Current
0
20
- 25
0
25
50
75
100
40
60
80
100
120
140
160
Fig. 8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
-25
25
0
50
75
10 -10
100
10 -9
10 -8
10 -7
10 -6
10 -5
10 -11
Ambient temperature T a (˚C)
10 -9
10 -8
10 -10
10 -11
25
0
50
75
100
2
2
5
2
5
125
Ambient temperature T a (˚C)
0
0
50
2468
10
10
20
30
40
100mA
50mA
20mA
10mA
Fig. 6 Collector Current vs.
Collector-emitter Voltage
Collector-emitter voltage V CE (V)
100
0
50
150
0
25
50
75
100
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
Ambient temperature T a (˚C)
-25
5
Fig. 9-a Collector Dark Current vs.
Ambient Temperature
Ambient Temperature
Ambient temperature T a (˚C)
Ta = 25˚C
RBE =
VCE =2V
PC(MAX.)
Ta = 25˚C
RBE =
IF = 150mA
VCE =2V
RBE =
IF = 100mA
RBE =
VCE = 20V
RBE =
Fig. 9-b Collector-base Dark Current vs.
VCB = 30V
IF = 100mA
IC = 1mA
RBE =



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com