전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8AA2A2006 데이터시트(PDF) 5 Page - Magnetrol International, Inc.

부품명 8AA2A2006
상세설명  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 데이터시트(HTML) 5 Page - Magnetrol International, Inc.

  8AA2A2006 Datasheet HTML 1Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 2Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 3Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 4Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 5Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 6Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 7Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 8Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
H E A T
E X T E N S I O N
0
200
50
60
70
80
90
100
110
120
130
140
150
160
400
600
800
1000
HEAT DISSIPATION GRAPH
For use with Heat extension (89-6593-001)
The heat dissipation graph, at left,
depicts the maximum temperatures at
which
the
extension
can
be
used
effectively.
1. Determine the maximum process
temperature in the application and
locate on X axis.
2. Determine the maximum ambient
temperature surrounding the heat
extension and locate on the Y axis.
3. If the intersecting point on the
graph is within the shaded area
the heat extension will dissipate
enough
heat
to
keep
the
electronics
temperature
below
+160° F (+70° C).
NOTE: The heat extension may be used with all rigid
probe configurations and flexible probe configura-
tion 8A2-AA1A-0XX. The heat extension can not be
used with guarded probes.
10"
(254 mm)
Process temperature ° F
5
F L E X I B L E
P R O B E S
Insulated flexible and bare flexible probes
Rigid probes longer than 10 feet (3 m) are difficult to
install and to physically move in the field. Flexible
probes are the ideal solution for measuring ranges
from 10 feet (3 m) up to 150 feet (45 m).
Insulated flexible probes can be used with either con-
ductive
or
non-conductive
media.
Bare
flexible
probes can only be used with non-conductive media.
Always verify that the selected electronics is powerful
enough to operate at these longer distances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com