전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8AA2A2006 데이터시트(PDF) 15 Page - Magnetrol International, Inc.

부품명 8AA2A2006
상세설명  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 데이터시트(HTML) 15 Page - Magnetrol International, Inc.

Back Button 8AA2A2006 Datasheet HTML 11Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 12Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 13Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 14Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 15Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 16Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 17Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 18Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 19Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
10 to 150 feet (3 to 45 meters) Example: 10 feet = 010 / 3 meters = 003
ESP available 10 to 150 feet in 1 foot increments (3 to 45 meters in 1 meter increments)
8 A 1
FM/CSA/ATEX, insulated flexible probe, probe length in feet
8 C 1
FM/CSA/ATEX, insulated flexible probe, probe length in meters
A
Insulated flexible probe
5 A
316 SS cable with Halar® (ECTFE) insulation
max +200° F @ 50 psig/max 100 psig @ +160° F (max +95° C @ 3.8 bar/max 7 bar @ +70° C)
CONFIGURATION STYLE
CABLE AND SEAL MATERIAL
Ž
8
A
A 1
5
1
3⁄4" NPT
PROCESS CONNECTION, 316 SS
15
Threaded flanges may be ordered separately.
BASIC MODEL NUMBER - INSULATED FLEXIBLE PROBE
Œ 
INSERTION LENGTH specify length in 1 foot (1 meter) increments (specify in digit 2)
Ž
Temperature at electronics should not exceed +160° F (+70° C).
I N S U L A T E D
F L E X I B L E
P R O B E S
M O D E L
N U M B E R
INSULATED FLEXIBLE PROBES
(for conductive and non conductive media)
A complete measuring system consists of a:
1. Kotron electronics (switch or transmitter)
2. Kotron probe
3. Optional 316 SS Anchor assembly:
P/N 032-8814-001
316 SS Weight:
P/N 004-4355-001
Kynar® Insulated Weight: P/N 032-8902-001
Œ
Flexible probes cannot be installed in a hazardous area unless used with an intrinsically safe electronic circuit.

Minimum temperature -40° F (-40° C)
Models available for quick shipment, usually within
one week after factory receipt of a purchase order,
through the Expedite Ship Plan (ESP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com