전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE25CA322 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LE25CA322
상세설명  Serial SPI EEPROM (SPI Bus) (32Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25CA322 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LE25CA322 Datasheet HTML 4Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 5Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 6Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 7Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 8Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 9Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 10Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 11Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LE25CA322
No.NA1678-8/14
Description of Commands and Their Operations
“Table 1 Command Settings” provides a list and overview of the commands. A detailed description of the functions and
operations corresponding to each command is presented below.
1. Read (READ)
Consisting of the first through fourth bus cycles, the read command inputs the 16-bit addresses following (03h), and the
data in the designated addresses is output synchronized to SCK. The data is output from SO on the falling edge of
fourth bus cycle bit0 as a reference. “Figure 4 READ” shows the timing waveforms.
When SCK is input continuously after the read command has been input and the data in the designated addresses has
been output, the address is automatically incremented inside the device while SCK is being input, and the
corresponding data is output in sequence. If the SCK input is continued after the internal address arrives at the highest
address, the internal address returns to the lowest address (0000h), and data output is continued. By setting the logic
level of CS to high, the device is deselected, and the read cycle ends. While the device is deselected, the output pin SO
is in a high-impedance state.
Figure 4 READ
CS
SCK
SI
SO
Mode3
High Impedance
8CLK
Mode0
0 1
2 3 4 5
6
7 8
15 16
Add.
(00000011)
Add.
23 24 25 26 27 28 29 30 31
7
654
Data Out(N)
Data Out(N+1)
32 10 7
03h
(A15-A8)
(A7-A0)
• Addresses A15 to A12 are “don’t care.”
• In synchronization with the rising edges of 0 to 23 clock signals, the command is identified and the addresses are
taken in through SI.
• In synchronization with the falling edges of 23 clock signal or later, the data is output to SO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com