전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE25CA322 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LE25CA322
상세설명  Serial SPI EEPROM (SPI Bus) (32Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25CA322 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LE25CA322 Datasheet HTML 1Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 2Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 3Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 4Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 5Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 6Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 7Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 8Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LE25CA322
No.NA1678-2/14
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
3032E
[LE25CA322M]
3245B
[LE25CA322TT]
Packages
MFP8 (225mil)
: LE25CA322M
MSOP8(150mil)
: LE25CA322TT
SANYO : MSOP8(150mil)
3.0
12
8
0.25
0.65
(0.53)
0.125
SANYO : MFP8(225mil)
12
8
5.0
0.15
0.35
1.27
(0.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14