| 전자부품 데이터시트 검색엔진 |
|
EMIF06-MSDN16 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
EMIF06-MSDN16 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 12 page ![]() Ordering information scheme EMIF06-MSD02N16 6/12 A pull-down of 470k is embedded into the EMIF06-mSD02N16. The routing corresponding to the electrical card detection configuration is shown in the Figure 11. Figure 11. Circuit routing for electrical card detection 3 Ordering information scheme Figure 12. Ordering information scheme Pin 1 –DAT2 Pin 2 –CD/DAT3 Pin 3 –CMD Pin 5 –CLK Pin 6 –GND Pin 7 –DAT0 Pin 8 –DAT1 Top level DAT3 pull Pin 4 –VCC Pin 1 –DAT2 Pin 2 –CD/DAT3 Pin 3 –CMD Pin 5 –CLK Pin 6 –GND Pin 7–DAT0 Pin 8 –DAT1 Top level DAT3 pull- down Pin 4 –VCC NC Top level DAT3 pull -down Pin 1 – DAT2 Pin 2 – CD/DAT3 Pin 3 – CMD Pin 5 – CLK Pin 6 – GND Pin 7 – DAT0 Pin 8 – DAT1 Pin 4 – VCC Top level DAT3 pull -down Pin 1 – DAT2 Pin 2 – CD/DAT3 Pin 3 – CMD Pin 5 – CLK Pin 6 – GND Pin 7 – DAT0 Pin 8 – DAT1 Pin 4 – VCC NC Bottom view Top view EMIF 06 - MSD02 N16 EMI Filter Number of lines Information Package MSD = application 02 = version N = narrow micro QFN 16 = 16 leads |