전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS16S 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 BAS16S
상세설명  Silicon Switching Diode Array (For high-speed switching applications Internal (galvanic) isolated Diodes in one package)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS16S 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  BAS16S Datasheet HTML 1Page - Siemens Semiconductor Group BAS16S Datasheet HTML 2Page - Siemens Semiconductor Group BAS16S Datasheet HTML 3Page - Siemens Semiconductor Group BAS16S Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS 16S
Semiconductor Group
Apr-24-1998
1
Silicon Switching Diode Array
• For high-speed switching applications
• Internal (galvanic) isolated Diodes
in one package
Tape loading orientation
VPS05604
6
3
1
5
4
2
Type
Marking Ordering Code Pin Configuration
Package
BAS 16S
A6s
Q62702-A1241 1=A1 2=A2
3=A3
SOT-363
4=C3 5=C2 6=C1
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
75
V
Peak reverse voltage
VRM
85
Forward current
IF
200
mA
Surge forward current, t = 1
µs
IFS
4.5
A
Total power dissipation,
TS = 85 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
65 ...+150
Thermal Resistance
Junction - ambient
1)
RthJA
≤ 530
K/W
Junction - soldering point
RthJS
≤ 260
K/W
1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 0.5cm2 Cu
Semiconductor Group
1
1998-11-01


유사한 부품 번호 - BAS16S

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAS16S INFINEON-BAS16S Datasheet
517Kb / 10P
Silicon Switching Diode
Dec-04-2003
logo
SeCoS Halbleitertechnol...
BAS16S SECOS-BAS16S Datasheet
189Kb / 2P
Surface Mount Switching Diode
logo
Infineon Technologies A...
BAS16S INFINEON-BAS16S Datasheet
1,015Kb / 21P
Silicon Switching Diode
2009-09-28
logo
Cystech Electonics Corp...
BAS16S3 CYSTEKEC-BAS16S3 Datasheet
163Kb / 4P
High -Speed switching diode
logo
Fairchild Semiconductor
BAS16SL FAIRCHILD-BAS16SL Datasheet
230Kb / 4P
Small Signal Diodes
More results

유사한 설명 - BAS16S

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAS28 SIEMENS-BAS28 Datasheet
102Kb / 4P
Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
BAS28W SIEMENS-BAS28W Datasheet
37Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Electrical insulated diodes)
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV99S SIEMENS-BAV99S Datasheet
42Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)
BAV99W SIEMENS-BAV99W Datasheet
71Kb / 4P
Silicon Switching Diode Array (Connected in series For high speed switching applications)
BAW100 SIEMENS-BAW100 Datasheet
101Kb / 4P
Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
BAW56 SIEMENS-BAW56 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56W SIEMENS-BAW56W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common anode)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com