전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS16S 데이터시트(PDF) 3 Page - Siemens Semiconductor Group

부품명 BAS16S
상세설명  Silicon Switching Diode Array (For high-speed switching applications Internal (galvanic) isolated Diodes in one package)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS16S 데이터시트(HTML) 3 Page - Siemens Semiconductor Group

  BAS16S Datasheet HTML 1Page - Siemens Semiconductor Group BAS16S Datasheet HTML 2Page - Siemens Semiconductor Group BAS16S Datasheet HTML 3Page - Siemens Semiconductor Group BAS16S Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS 16S
Semiconductor Group
Apr-24-1998
3
Forward current
IF = f (TA*;TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C
150
TA,TS
0
50
100
150
200
mA
300
5
0
20
40
60
80
100
120 °C
150
TA,TS
0
50
100
150
200
mA
300
TS
0
20
40
60
80
100
120 °C
150
TA,TS
0
50
100
150
200
mA
300
TA
0
20
40
60
80
100
120 °C
150
TA,TS
0
50
100
150
200
mA
300
Forward current
IF = f VF)
TA = 25°C
0
0
EHB00023
BAS 16
Ι
0.5
1.0
V
1.5
50
100
mA
150
F
F
V
max
typ
Permissible Pulse Load
RthJS = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
K/W
RthJS
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax / IFDC = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Semiconductor Group
3
1998-11-01



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com