전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIP12101 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SIP12101
상세설명  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12101 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button SIP12101 Datasheet HTML 2Page - Vishay Siliconix SIP12101 Datasheet HTML 3Page - Vishay Siliconix SIP12101 Datasheet HTML 4Page - Vishay Siliconix SIP12101 Datasheet HTML 5Page - Vishay Siliconix SIP12101 Datasheet HTML 6Page - Vishay Siliconix SIP12101 Datasheet HTML 7Page - Vishay Siliconix SIP12101 Datasheet HTML 8Page - Vishay Siliconix SIP12101 Datasheet HTML 9Page - Vishay Siliconix SIP12101 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
6
Document Number: 73057
S09-1453-Rev. B, 03-Aug-09
Vishay Siliconix
SiP12101
APPLICATIONS CIRCUIT
ENABLE
BATT
LX
VIN
SD
VDD
PGND
FB
AGND
VOUT
SiP12101
2.2
µH
COUT
4.7
µF
CIN
10
µF
VDD
R2
R1
C2
C1
REF
REF
AGND
CIN = 10 µF, Ceramic, Murata GRM42-2X5R106K16
C1,C2 = 0.01 µF, Vishay VJ0603Y 104KXXAT
COUT = 4.7 µF, Ceramic, Murata GRM42-6X5R475K16
R1 =8.2 kΩ, Vishay CRCW06031132F
R2 =20 kΩ, Vishay CRCW06032002F
L1 = 2.2 µH, Toko A914BYW-2R2M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com