전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIP12101 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SIP12101
상세설명  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12101 데이터시트(HTML) 3 Page - Vishay Siliconix

  SIP12101 Datasheet HTML 1Page - Vishay Siliconix SIP12101 Datasheet HTML 2Page - Vishay Siliconix SIP12101 Datasheet HTML 3Page - Vishay Siliconix SIP12101 Datasheet HTML 4Page - Vishay Siliconix SIP12101 Datasheet HTML 5Page - Vishay Siliconix SIP12101 Datasheet HTML 6Page - Vishay Siliconix SIP12101 Datasheet HTML 7Page - Vishay Siliconix SIP12101 Datasheet HTML 8Page - Vishay Siliconix SIP12101 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 73057
S09-1453-Rev. B, 03-Aug-09
www.vishay.com
3
Vishay Siliconix
SiP12101
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
c. Guaranteed by design.
d. Settling times, ts, apply after ten.
e. Bypass is a device mode of operation, in which, the device is in 100 % duty cycle.
PIN CONFIGURATION
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
- 40 °C to 85 °C, VIN = VDD, CIN = 10 µF, COUT = 4.7 µF
L = 2.2 µH, 2.6 V
≤ V
IN ≤ 5.5 V, R1 = 11.3 kΩ, R2 = 20 kΩ
Limits
Unit
Min.a
Typ.b
Max.a
Converter Operation
Maximum Output Current
ILOAD
VIN = 3.6 V
600
mA
Dropout Voltagee
VDD
VIN = 2.6 V, IOUT = 600 mA
190
300
mV
Closed Loop Bandwidth
BW
300
kHz
Load Regulationc
VIN = 3.6 V, VOUT = 1.9 V at 25 °C
IOUT = 30 mA to 600 mA
0.5
%
Line Regulation
VOUT = 3.0 V, VIN = 3.5 V to 5.5 V
± 0.1
%/V
Maximum Inductor Peak Current
Limit
ILpk
1500
mA
On Resistance - P-Channel and
N-Channel
RDS(on)
VIN = 3.6 V
250
m
Ω
250
Output Ripple Voltage
0.05
Ω C
OUT(ESR)
IOUT = 600 mA
60
mVp-p
Efficiency
VIN = 3.6 V, VOUT = 3.3 V
IOUT = 600 mA
90
%
Frequency
IOUT ≥ 30 mA
20
kHz
Supply Current
Input Supply Current
ISUPPLY
(VDD & VIN)
IOUT = 0 mA, VIN = 3.6 V, (not switching, FB = GND)
450
750
µA
Shutdown Supply Current
ISD
SD = Low
2
Thermal Shutdown
Thermal Shutdown Temperaturec
TJ(S/D)
165
°C
Thermal Hysteresisc
20
10
LX
PGND
FB
AGND
MSOP-10
AGND
VIN
1
2
3
9
8
REF
VDD
Top View
56
VDD
SD
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com