| 전자부품 데이터시트 검색엔진 |
|
LPC4350 데이터시트(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4350 데이터시트(HTML) 55 Page - NXP Semiconductors |
|
55 / 149 page ![]() LPC4350_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Objective data sheet Rev. 3.1 — 5 January 2012 55 of 149 NXP Semiconductors LPC4350/30/20/10 32-bit ARM Cortex-M4/M0 microcontroller PE_13 G14 - - - - - [3] I; PU - R — Function reserved. O CTOUT_14 — SCT output 14. Match output 2 of timer 3. I/O I2C1_SDA — I2C1 data input/output (this pin does not use a specialized I2C pad). O EMC_DQMOUT3 — Data mask 3 used with SDRAM and static devices. I/O GPIO7[13] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. PE_14 C15 - - - - - [3] I; PU - R — Function reserved. - R — Function reserved. - R — Function reserved. O EMC_DYCS3 — SDRAM chip select 3. I/O GPIO7[14] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. PE_15 E13 - - - - - [3] I; PU - R — Function reserved. O CTOUT_0 — SCT output 0. Match output 0 of timer 0. I/O I2C1_SCL — I2C1 clock input/output (this pin does not use a specialized I2C pad). O EMC_CKEOUT3 — SDRAM clock enable 3. I/O GPIO7[15] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |