| 전자부품 데이터시트 검색엔진 |
|
LPC4350 데이터시트(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4350 데이터시트(HTML) 18 Page - NXP Semiconductors |
|
18 / 149 page ![]() LPC4350_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Objective data sheet Rev. 3.1 — 5 January 2012 18 of 149 NXP Semiconductors LPC4350/30/20/10 32-bit ARM Cortex-M4/M0 microcontroller P2_7 H14 x C10 138 96 65 [3] I; PU I/O GPIO0[7] — General purpose digital input/output pin. If this pin is pulled LOW at reset, the part enters ISP mode using USART0. O CTOUT_1 — SCT output 1. Match output 1 of timer 0. I/O U3_UCLK — Serial clock input/output for USART3 in synchronous mode. I/O EMC_A9 — External memory address line 9. - R — Function reserved. - R — Function reserved. O T3_MAT3 — Match output 3 of timer 3. - R — Function reserved. P2_8 J16 x C6 140 98 67 [3] I; PU I/O SGPIO15 — General purpose digital input/output pin. Boot pin (see Table 5). O CTOUT_0 — SCT output 0. Match output 0 of timer 0. I/O U3_DIR — RS-485/EIA-485 output enable/direction control for USART3. I/O EMC_A8 — External memory address line 8. I/O GPIO5[7] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. P2_9 H16 x B10 144 102 70 [3] I; PU I/O GPIO1[10] — General purpose digital input/output pin. Boot pin (see Table 5). O CTOUT_3 — SCT output 3. Match output 3 of timer 0. I/O U3_BAUD — Baud pin for USART3. I/O EMC_A0 — External memory address line 0. - R — Function reserved. - R — Function reserved. - R — Function reserved. - R — Function reserved. P2_10 G16 x E8 146 104 71 [3] I; PU I/O GPIO0[14] — General purpose digital input/output pin. O CTOUT_2 — SCT output 2. Match output 2 of timer 0. O U2_TXD — Transmitter output for USART2. I/O EMC_A1 — External memory address line 1. - R — Function reserved. - R — Function reserved. - R — Function reserved. - R — Function reserved. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |