전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLHG520 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 TLHG520
상세설명  High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG520 데이터시트(HTML) 1 Page - Vishay Siliconix

  TLHG520 Datasheet HTML 1Page - Vishay Siliconix TLHG520 Datasheet HTML 2Page - Vishay Siliconix TLHG520 Datasheet HTML 3Page - Vishay Siliconix TLHG520 Datasheet HTML 4Page - Vishay Siliconix TLHG520 Datasheet HTML 5Page - Vishay Siliconix TLHG520 Datasheet HTML 6Page - Vishay Siliconix TLHG520 Datasheet HTML 7Page - Vishay Siliconix TLHG520 Datasheet HTML 8Page - Vishay Siliconix TLHG520 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Semiconductors
TLHG520., TLHR520., TLHY520.
Document Number 83011
Rev. 1.6, 03-Jun-09
www.vishay.com
1
For technical support, please contact: LED@vishay.com
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
FEATURES
• Choice of three bright colors
• Standard T-1¾ package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Small viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• TLH.52.. with stand-offs
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
19223
DESCRIPTION
The TLH.52.. series was developed for standard
applications
like
general
indicating
and
lighting
purposes.
It is housed in a 5 mm tinted non-diffused plastic
package. The small viewing angle of these devices
provides a high brightness.
Several
selection
types
with
different
luminous
intensities are offered. All LEDs are categorized in
luminous intensity groups. The green and yellow LEDs
are categorized additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
APPLICATIONS
• Status lights
• Off/on indicator
• Background illumination
• Readout lights
• Maintenance lights
• Legend light
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 5 mm
• Product series: standard
• Angle of half intensity: ± 14°
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
TECHNOLOGY
TLHR5200
Red, IV = 50 mcd (typ.)
GaAsP on GaP
TLHR5201
Red, IV = 60 mcd (typ.)
GaAsP on GaP
TLHR5205
Red, IV = 70 mcd (typ.)
GaAsP on GaP
TLHY5200
Yellow, IV = 50 mcd (typ.)
GaAsP on GaP
TLHG5200
Green, IV = 40 mcd (typ.)
GaP on GaP
TLHG5201
Green, IV = 45 mcd (typ.)
GaP on GaP
TLHG5201-AS12Z
Green, IV = 45 mcd (typ.)
GaP on GaP
TLHG5205
Green, IV = 50 mcd (typ.)
GaP on GaP
TLHG5205-AS21
Green, IV = 50 mcd (typ.)
GaP on GaP


유사한 부품 번호 - TLHG520

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TLHG520 VISHAY-TLHG520 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
08-Nov-2021
TLHG5200 VISHAY-TLHG5200 Datasheet
248Kb / 8P
High Efficiency LED, 5 mm Tinted Non-Diffused Package
31-Aug-04
TLHG5201 VISHAY-TLHG5201 Datasheet
248Kb / 8P
High Efficiency LED, 5 mm Tinted Non-Diffused Package
31-Aug-04
TLHG5205 VISHAY-TLHG5205 Datasheet
248Kb / 8P
High Efficiency LED, 5 mm Tinted Non-Diffused Package
31-Aug-04
TLHG520 VISHAY-TLHG520_V01 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
08-Nov-2021
More results

유사한 설명 - TLHG520

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TLHR52 VISHAY-TLHR52 Datasheet
130Kb / 9P
High Efficiency LED, 5 mm Tinted Non-Diffused Package
04-Feb-99
TLHG5205 VISHAY-TLHG5205 Datasheet
248Kb / 8P
High Efficiency LED, 5 mm Tinted Non-Diffused Package
31-Aug-04
TLHY6201 VISHAY-TLHY6201 Datasheet
184Kb / 8P
High Efficiency LED, 5 mm Tinted Non-Diffused Package
25-Jul-13
TLHG620 VISHAY-TLHG620_V01 Datasheet
193Kb / 8P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
20-Sep-2021
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
High Efficiency LED in Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG642 VISHAY-TLHG642 Datasheet
262Kb / 8P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
TLHR5200 VISHAY-TLHR5200 Datasheet
112Kb / 5P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
06-May-2022
TLHY420 VISHAY-TLHY420_V02 Datasheet
214Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
26-Feb-18
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com