| 전자부품 데이터시트 검색엔진 |
|
HT83B60 데이터시트(PDF) 35 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83B60 데이터시트(HTML) 35 Page - Holtek Semiconductor Inc |
|
35 / 84 page ![]() Rev. 1.00 34 De�e��e� 1�� �011 Rev. 1.00 35 De�e��e� 1�� �011 HT83B60 Voice Mask MCU HT83B60 Voice Mask MCU ThestatusoftheSPIinterfacepinsisdeterminedbyanumberoffactors,whetherthedeviceisin masterorslavemodeandupontheconditionofcertaincontrolbitssuchasCSENandSIMEN. D7 D6 D5 D4 D3 D2 D1 D0 SI MD R (R ec ei v ed Da ta R eg is te r) M U X SD O Bu ff er M U X ML S Da ta B us M U X Ma st er o r Sl av e SD I SD O In te r nal B aud Ra te C lo ck SC K Cl o ck Po la ri ty C2 C1 C0 SI ME N In te r nal B u sy Fl ag SI ME N Wr it e SI MD R WC OL F la g TR F and , s ta rt SI ME N EN AN D Wr it e SBD R Wr it e SI MD R E nabl e/ Di s abl e SC S EN Ma st er o r Sl av e C SEN SI ME N and , s ta rt and , s ta rt Block Diagram Master/Salve (SIMEN=0) Master (=1) Slave (=1) CSEN=1 CSEN=0 CSEN=0 SCS line=0 (CSEN=1) SCS line=1 (CSEN=1) SCS Z L Z Z I� Z I� Z SDO Z O O O O Z SDI Z I� Z I� Z I� Z I� Z Z SCK Z L(CPOL=1) H(CPOL=0) L(CPOL=1) H(CPOL=0) I� Z I� Z Z "Z"floating,"H"outputhigh,"L"outputlow,"I"Input,"O"outputlevel, "I,Z"inputfloating(nopull-high) SPI Interface Pin Status |