전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT83B60 데이터시트(PDF) 44 Page - Holtek Semiconductor Inc

부품명 HT83B60
상세설명  Voice Mask MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83B60 데이터시트(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT83B60 Datasheet HTML 40Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 41Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 42Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 43Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 44Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 45Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 46Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 47Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
Rev. 1.00
44
De�e��e� 1�� �011
Rev. 1.00
45
De�e��e� 1�� �011
HT83B60
Voice Mask MCU
HT83B60
Voice Mask MCU
Da ta
10
1
00
1
0
0
1
0
01010
1
1
S= St ar t (1 b it )
SA =S la ve A dd re ss (7 b it s)
SR =S RW b i t ( 1 bi t)
M= Sl av e dev ic e s end a ck now l edge bi t (1 b it )
D= Da ta ( 8 bi ts )
A= AC K ( RX AK b i t f or tr ans mi tte r, T XAK b i t f or r ec ei ve r 1 bi t)
P= St op (1 b it )
SC L
St ar t
SD A
SR W
AC K
AC K
St op
SC L
SD A
Sl av e Ad dr es s
SS AS R
MD
A
DA
SS AS R
MD
A
DA
P
I2C Communication Timing Diagram
• StartSignal
TheSTARTsignalcanonlybegeneratedbythemasterdeviceconnectedtotheI2Cbusandnot
bythemicrocontroller,whichisonlyaslavedevice.ThisSTARTsignalwillbedetectedby
alldevicesconnectedtotheI2Cbus.Whendetected,thisindicatesthattheI2Cbusisbusyand
thereforetheHBBbitwillbeset.ASTARTconditionoccurswhenahightolowtransitiononthe
SDAlinetakesplacewhentheSCLlineremainshigh.
• SlaveAddress
ThetransmissionofaSTARTsignalbythemasterwillbedetectedbyalldevicesontheI2C
bus.Todeterminewhichslavedevicethemasterwishestocommunicatewith,theaddressofthe
slavedevicewillbesentoutimmediatelyfollowingtheSTARTsignal.Allslavedevices,after
receivingthis7-bitaddressdata,willcompareitwiththeirown7-bitslaveaddress.Iftheaddress
sentoutbythemastermatchestheinternaladdressofthemicrocontrollerslavedevice,thenan
internalI2Cbusinterruptsignalwillbegenerated.Thenextbitfollowingtheaddress,whichis
the8thbit,definestheread/writestatusandwillbesavedtotheSRWbitoftheSIMC1register.
Thedevicewillthentransmitanacknowledgebit,whichisalowlevel,asthe9thbit.The
microcontrollerslavedevicewillalsosetthestatusflagHAASwhentheaddressesmatch.
AsanI2Cbusinterruptcancomefromtwosources,whentheprogramenterstheinterrupt
subroutine,theHAASbitshouldbeexaminedtoseewhethertheinterruptsourcehascomefrom
amatchingslaveaddressorfromthecompletionofadatabytetransfer.Whenaslaveaddressis
matched,thedevicemustbeplacedineitherthetransmitmodeandthenwritedatatotheSIMDR
register,orinthereceivemodewhereitmustimplementadummyreadfromtheSIMDRregister
toreleasetheSCLline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84