전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAM06SC7905S 데이터시트(PDF) 1 Page - Protek Devices

부품명 PAM06SC7905S
상세설명  LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM06SC7905S 데이터시트(HTML) 1 Page - Protek Devices

  PAM06SC7905S Datasheet HTML 1Page - Protek Devices PAM06SC7905S Datasheet HTML 2Page - Protek Devices PAM06SC7905S Datasheet HTML 3Page - Protek Devices PAM06SC7905S Datasheet HTML 4Page - Protek Devices PAM06SC7905S Datasheet HTML 5Page - Protek Devices PAM06SC7905S Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05351.R0 12/11
Page 1
PAM06SC7905S
LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The PAM06SC7905S is a low capacitance, transient voltage suppressor designed to protect automotive applications.
This device is available in a bidirectional configuration with a working voltage of 4.7V and a minimum breakdown volt-
age of 5.7V. The PAM06SC7905S is rated at 10W peak pulse power (10/1000µs), which is sufficient protection for ESD
threats at key interface locations.
The PAM06SC7905S is ideally suited to protect 5V DC lines and data I/O ports against ESD and EFT. This device meets
the requirements of IEC 61000-2 and IEC 61000-4-4. Packaged in a SC-79 configuration, this device can be substituted
for similar 0803 outlines.
FEATuRES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• 10 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Bidirectional Configuration
• Replacement for MLV (0803)
• Low Clamping Voltage
• Low Capacitance
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC SC-79 Package
• Approximate Weight: 2 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIONS
• Automotive Applications
SC-79 PACkAgE
PIN CONFIguRATION
1
2


유사한 부품 번호 - PAM06SC7905S

제조업체부품명데이터시트상세설명
logo
Protek Devices
PAM06SC7905S PROTEC-PAM06SC7905S_12 Datasheet
437Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results

유사한 설명 - PAM06SC7905S

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
LOW CAPACITANCE TVS ARRAY
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
Low Capacitance TVS Array
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com