전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAM06SC7905S 데이터시트(PDF) 4 Page - Protek Devices

부품명 PAM06SC7905S
상세설명  LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM06SC7905S 데이터시트(HTML) 4 Page - Protek Devices

  PAM06SC7905S Datasheet HTML 1Page - Protek Devices PAM06SC7905S Datasheet HTML 2Page - Protek Devices PAM06SC7905S Datasheet HTML 3Page - Protek Devices PAM06SC7905S Datasheet HTML 4Page - Protek Devices PAM06SC7905S Datasheet HTML 5Page - Protek Devices PAM06SC7905S Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05351.R0 12/11
Page 4
PAM06SC7905S
SC-79 PACkAgE INFORMATION
OuTLINE DIMENSIONS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
1.10
1.30
0.043
0.049
B
0.70
0.90
0.028
0.035
C
1.50
1.70
0.059
0.066
D
0.50
0.70
0.020
0.028
E
0.08
0.20
0.003
0.008
F
0.30 BSE
0.012 BSE
NOTES
1. Dimensioning and tolerances per ANSI Y14.M, 1985.
2. Controlling dimension: millimeters.
3. Dimensions are exclusive of mold flash and metal burrs.
PAD LAYOuT DIMENSIONS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
1.85
2.03
0.070
0.080
B
0.38
0.64
0.015
0.025
C
0.25
0.51
0.010
0.020
NOTES
1. Controlling dimension: millimeters
C
A
B
F
C
D
E
A
B
C



Html Pages

1 2 3 4 5 6