전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RL78 데이터시트(PDF) 72 Page - Renesas Technology Corp

부품명 RL78
상세설명  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 데이터시트(HTML) 72 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 68Page - Renesas Technology Corp RL78 Datasheet HTML 69Page - Renesas Technology Corp RL78 Datasheet HTML 70Page - Renesas Technology Corp RL78 Datasheet HTML 71Page - Renesas Technology Corp RL78 Datasheet HTML 72Page - Renesas Technology Corp RL78 Datasheet HTML 73Page - Renesas Technology Corp RL78 Datasheet HTML 74Page - Renesas Technology Corp RL78 Datasheet HTML 75Page - Renesas Technology Corp RL78 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 72 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
Note 1.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid maximum transfer
rate.
Expression for calculating the transfer rate when 4.0 V
 EVDD0  5.5 V and 2.7 V  Vb  4.0 V
Note 2.
Transfer rate in the SNOOZE mode: MAX. 9600 bps, MIN. 4800 bps
Note 3.
This value as an example is calculated when the conditions described in the “Conditions” column are met.
Refer to Note 1 above to calculate the maximum transfer rate under conditions of the customer.
Note 4.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid maximum transfer
rate.
Expression for calculating the transfer rate when 2.7 V
 EVDD0 < 4.0 V and 2.3 V  Vb  2.7 V
Note 5.
This value as an example is calculated when the conditions described in the “Conditions” column are met.
Refer to Note 4 above to calculate the maximum transfer rate under conditions of the customer.
Note 6.
Use it with EVDD0
 Vb.
(6)
Communication at different potential (2.5 V, 3 V) (UART mode) (dedicated baud rate generator output)
(TA = -40 to +85
C, 1.8 V EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(2/2)
Parameter
Symbol
Conditions
MIN. TYP.
MAX.
Unit
Transfer
rate
transmission 4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V
Notes 1, 2
bps
Theoretical value of the maximum
transfer rate
Cb = 50 pF, Rb = 1.4 k
, Vb = 2.7 V
2.8
Note 3
Mbps
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V
Notes 2, 4
bps
Theoretical value of the maximum
transfer rate
Cb = 50 pF, Rb = 2.7 k
, Vb = 2.3 V
1.2
Note 5
Mbps
1.8 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V
Notes 2, 6, 7
bps
Theoretical value of the maximum
transfer rate
Cb = 50 pF, Rb = 5.5 k
, Vb = 1.6 V
0.40
Note 8
Mbps
Maximum transfer rate =
1
[bps]
Baud rate error (theoretical value) =
1
Transfer rate
 2
-
{-Cb
 Rb  In (1 -
)}
 3
2.2
Vb
{-Cb
 Rb  In (1 -
)}
2.2
Vb
(
)
 Number of transferred bits
1
Transfer rate
 100 [%]
* This value is the theoretical value of the relative difference between the transmission and reception sides.
Maximum transfer rate =
1
[bps]
Baud rate error (theoretical value) =
1
Transfer rate
 2
-
{-Cb
 Rb  In (1 -
)}
 3
2.0
Vb
{-Cb
 Rb  In (1 -
)}
2.0
Vb
(
)
 Number of transferred bits
1
Transfer rate
 100 [%]
* This value is the theoretical value of the relative difference between the transmission and reception sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com