전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RL78 데이터시트(PDF) 84 Page - Renesas Technology Corp

부품명 RL78
상세설명  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 데이터시트(HTML) 84 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 80Page - Renesas Technology Corp RL78 Datasheet HTML 81Page - Renesas Technology Corp RL78 Datasheet HTML 82Page - Renesas Technology Corp RL78 Datasheet HTML 83Page - Renesas Technology Corp RL78 Datasheet HTML 84Page - Renesas Technology Corp RL78 Datasheet HTML 85Page - Renesas Technology Corp RL78 Datasheet HTML 86Page - Renesas Technology Corp RL78 Datasheet HTML 87Page - Renesas Technology Corp RL78 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 84 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
(Notes, Caution and Remarks are listed on the next page.)
(10) Communication at different potential (2.5 V, 3 V) (simplified I2C mode)
(TA = -40 to +85
C, 1.8 V EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(1/2)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
SCLr clock frequency
fSCL
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 50 pF, Rb = 2.7 k
1000
kHz
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb < 2.7 V,
Cb = 50 pF, Rb = 2.7 k
1000
kHz
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 100 pF, Rb = 2.8 k
400
kHz
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb < 2.7 V,
Cb = 100 pF, Rb = 2.7 k
400
kHz
1.8 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V Note 1,
Cb = 100 pF, Rb = 5.5 k
300
kHz
Hold time when SCLr = “L”
tLOW
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 50 pF, Rb = 2.7 k
475
ns
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb < 2.7 V,
Cb = 50 pF, Rb = 2.7 k
475
ns
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 100 pF, Rb = 2.8 k
1150
ns
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb < 2.7 V,
Cb = 100 pF, Rb = 2.7 k
1150
ns
1.8 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V Note 1,
Cb = 100 pF, Rb = 5.5 k
1550
ns
Hold time when SCLr = “H”
tHIGH
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 50 pF, Rb = 2.7 k
245
ns
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb < 2.7 V,
Cb = 50 pF, Rb = 2.7 k
200
ns
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 100 pF, Rb = 2.8 k
675
ns
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb < 2.7 V,
Cb = 100 pF, Rb = 2.7 k
600
ns
1.8 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V Note 1,
Cb = 100 pF, Rb = 5.5 k
610
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com