| 전자부품 데이터시트 검색엔진 |
|
C511 데이터시트(PDF) 23 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
C511 데이터시트(HTML) 23 Page - Siemens Semiconductor Group |
|
23 / 43 page ![]() C511 / C513 Semiconductor Group 23 Serial Interface (USART, not available in the C511/C511A) The serial port is full duplex and can operate in four modes (one synchronous mode, three asynchronous modes) as illustrated in table 9. Figure 8 illustrates the block diagram of Baudrate generation for the serial interface. Table 9 USART Operating Modes Figure 8 Block Diagram of Baud Rate Generation for the Serial Interface Mode SCON Baudrate Description SM0 SM1 000 f OSC/12 Serial data enters and exits through R ×D. T ×D outputs the shift clock. 8-bit are transmitted/received (LSB first) 1 0 1 Timer 1/2 overflow rate 8-bit UART 10 bits are transmitted (through T ×D) or received (R ×D) 210 f OSC/32 or fOSC/64 9-bit UART 11 bits are transmitted (T ×D) or received (R ×D) 3 1 1 Timer 1/2 overflow rate 9-bit UART Like mode 2 except the variable baud rate |