| 전자부품 데이터시트 검색엔진 |
|
C511 데이터시트(PDF) 25 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
C511 데이터시트(HTML) 25 Page - Siemens Semiconductor Group |
|
25 / 43 page ![]() C511 / C513 Semiconductor Group 25 Synchronous Serial Channel (SSC) The C511/C513 microcontrollers provide a Synchronous Serial Channel unit, the SSC. This interface is compatible to the popular SPI serial bus interface. It can be used for simple I/O expansion via shift registers, for connection of a variety of peripheral components, such as A/D converters, EEPROMs etc., or for allowing several microcontrollers to be interconnected in a master/slave structure. It supports full-duplex or half-duplex operation and can run in a master or a slave mode. Figure 9 shows the block diagram of the SSC. Figure 9 SSC Blockdiagram |