| 전자부품 데이터시트 검색엔진 |
|
R5F64112NFB 데이터시트(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F64112NFB 데이터시트(HTML) 53 Page - Renesas Technology Corp |
|
53 / 108 page ![]() R01DS0062EJ0120 Rev.1.20 Page 53 of 99 Sep 26, 2011 R32C/111 Group 4. Special Function Registers (SFRs) Note: 1. The reset value reflects the value of the protect bit for each block in the flash memory. Table 4.18 SFR List (18) Address Register Symbol Reset Value 040000h Flash Memory Control Register 0 FMR0 0X01 XX00b 040001h Flash Memory Status Register 0 FMSR0 1000 0000b 040002h 040003h 040004h 040005h 040006h 040007h 040008h Flash Register Protection Unlock Register 0 FPR0 00h 040009h Flash Memory Control Register 1 FMR1 0000 0010b 04000Ah Block Protect Bit Monitor Register 0 FBPM0 ??X? ????b (1) 04000Bh Block Protect Bit Monitor Register 1 FBPM1 XXX? ????b (1) 04000Ch 04000Dh 04000Eh 04000Fh 040010h 040011h 040012h 040013h 040014h 040015h 040016h 040017h 040018h 040019h 04001Ah 04001Bh 04001Ch 04001Dh 04001Eh 04001Fh 040020h PLL Control Register 0 PLC0 0000 0001b 040021h PLL Control Register 1 PLC1 0001 1111b 040022h 040023h 040024h 040025h 040026h 040027h 040028h 040029h 04002Ah 04002Bh 04002Ch 04002Dh 04002Eh 04002Fh X: Undefined Blanks are reserved. No access is allowed. |