| 전자부품 데이터시트 검색엔진 |
|
R5F64112NFB 데이터시트(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F64112NFB 데이터시트(HTML) 30 Page - Renesas Technology Corp |
|
30 / 108 page ![]() R01DS0062EJ0120 Rev.1.20 Page 30 of 99 Sep 26, 2011 R32C/111 Group 1. Overview Table 1.21 Pin Definitions and Functions for the 80-/64-pin Package (3/3) Function Symbol I/O Description Intelligent I/O IIO0_0 to IIO0_7 I/O Input/output for the Intelligent I/O group 0. Either input capture or output compare is selectable IIO1_0 to IIO1_7 I/O Input/output for the Intelligent I/O group 1. Either input capture or output compare is selectable. IIO1_6 and IIO1_7 outputs assigned for ports P7_0 and P7_1 are N-channel open drain UD0A, UD0B, UD1A, UD1B I Input for the two-phase encoder OUTC2_0 to OUTC2_2 O Output for OC (output compare) of the Intelligent I/O group 2. OUTC2_0 and OUTC2_2 assigned for ports P7_0 and P7_1 are N-channel open drain ISCLK2 I/O Clock input/output for the serial interface ISRXD2 I Receive data input for the serial interface ISTXD2 O Transmit data output for the serial interface. ISTXD2 assigned for port P7_0 is N-channel open drain IEIN I Receive data input for the serial interface IEOUT O Transmit data output for the serial interface. IEOUT assigned for port P7_0 is N-channel open drain |