| 전자부품 데이터시트 검색엔진 |
|
R5F64112DFB 데이터시트(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F64112DFB 데이터시트(HTML) 49 Page - Renesas Technology Corp |
|
49 / 108 page ![]() R01DS0062EJ0120 Rev.1.20 Page 49 of 99 Sep 26, 2011 R32C/111 Group 4. Special Function Registers (SFRs) Table 4.14 SFR List (14) Address Register Symbol Reset Value 000350h Timer B0 Register TB0 XXXXh 000351h 000352h Timer B1 Register TB1 XXXXh 000353h 000354h Timer B2 Register TB2 XXXXh 000355h 000356h Timer A0 Mode Register TA0MR 0000 0000b 000357h Timer A1 Mode Register TA1MR 0000 0000b 000358h Timer A2 Mode Register TA2MR 0000 0000b 000359h Timer A3 Mode Register TA3MR 0000 0000b 00035Ah Timer A4 Mode Register TA4MR 0000 0000b 00035Bh Timer B0 Mode Register TB0MR 00XX 0000b 00035Ch Timer B1 Mode Register TB1MR 00XX 0000b 00035Dh Timer B2 Mode Register TB2MR 00XX 0000b 00035Eh Timer B2 Special Mode Register TB2SC XXXX XXX0b 00035Fh Count Source Prescaler Register TCSPR 0000 0000b 000360h 000361h 000362h 000363h 000364h UART0 Special Mode Register 4 U0SMR4 00h 000365h UART0 Special Mode Register 3 U0SMR3 00h 000366h UART0 Special Mode Register 2 U0SMR2 00h 000367h UART0 Special Mode Register U0SMR 00h 000368h UART0 Transmit/Receive Mode Register U0MR 00h 000369h UART0 Bit Rate Register U0BRG XXh 00036Ah UART0 Transmit Buffer Register U0TB XXXXh 00036Bh 00036Ch UART0 Transmit/Receive Control Register 0 U0C0 0000 1000b 00036Dh UART0 Transmit/Receive Control Register 1 U0C1 0000 0010b 00036Eh UART0 Receive Buffer Register U0RB XXXXh 00036Fh 000370h 000371h 000372h 000373h 000374h 000375h 000376h 000377h 000378h 000379h 00037Ah 00037Bh 00037Ch CRC Data Register CRCD XXXXh 00037Dh 00037Eh CRC Input Register CRCIN XXh 00037Fh X: Undefined Blanks are reserved. No access is allowed. |