전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F64112DFB 데이터시트(PDF) 30 Page - Renesas Technology Corp

부품명 R5F64112DFB
상세설명  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112DFB 데이터시트(HTML) 30 Page - Renesas Technology Corp

Back Button R5F64112DFB Datasheet HTML 26Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 27Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 28Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 29Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 30Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 31Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 32Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 33Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 30 of 99
Sep 26, 2011
R32C/111 Group
1. Overview
Table 1.21
Pin Definitions and Functions for the 80-/64-pin Package (3/3)
Function
Symbol
I/O
Description
Intelligent I/O
IIO0_0 to IIO0_7
I/O
Input/output for the Intelligent I/O group 0. Either input
capture or output compare is selectable
IIO1_0 to IIO1_7
I/O
Input/output for the Intelligent I/O group 1. Either input
capture or output compare is selectable. IIO1_6 and IIO1_7
outputs assigned for ports P7_0 and P7_1 are N-channel
open drain
UD0A, UD0B,
UD1A, UD1B
I
Input for the two-phase encoder
OUTC2_0 to
OUTC2_2
O
Output for OC (output compare) of the Intelligent I/O group
2.
OUTC2_0 and OUTC2_2 assigned for ports P7_0 and
P7_1 are N-channel open drain
ISCLK2
I/O
Clock input/output for the serial interface
ISRXD2
I
Receive data input for the serial interface
ISTXD2
O
Transmit data output for the serial interface. ISTXD2
assigned for port P7_0 is N-channel open drain
IEIN
I
Receive data input for the serial interface
IEOUT
O
Transmit data output for the serial interface. IEOUT
assigned for port P7_0 is N-channel open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More