전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPDT-5V0U-HF 데이터시트(PDF) 3 Page - Comchip Technology

부품명 CPDT-5V0U-HF
상세설명  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDT-5V0U-HF 데이터시트(HTML) 3 Page - Comchip Technology

  CPDT-5V0U-HF Datasheet HTML 1Page - Comchip Technology CPDT-5V0U-HF Datasheet HTML 2Page - Comchip Technology CPDT-5V0U-HF Datasheet HTML 3Page - Comchip Technology CPDT-5V0U-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B
C
d
D
D2
D1
E
F
P
P0
P1
SOT-23
SYMBOL
A
W
W1
(mm)
(inch)
0.122
0.004
±
0.112
0.004
±
0.055
0.004
±
0.061
0.004
±
7.008
0.04
±
1.969 MIN.
0.512
0.008
±
SOT-23
SYMBOL
(mm)
(inch)
0.069
0.004
±
0.138
0.002
±
0.157
0.004
±
0.157
0.004
±
0.079
0.002
±
0.315
0.012
±
0.567 MAX.
3.10 ± 0.10
2.85 ± 0.10
4.00 ± 0.10
1.55 ± 0.10
3.50 ± 0.05
1.75 ± 0.10
50.0 MIN.
13.0 ± 0.20
1.40 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
8.00 ± 0.30
14.4 MAX.
178 ± 1
Page 3
REV:A
Comchip Technology CO., LTD.
QW-JP004
SMD ESD Protection Diode
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Reel Taping Specification
Index hole
d
E
F
B
W
A
P
P0
P1



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com