전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2255 데이터시트(PDF) 16 Page - Linear Technology

부품명 LTC2255
상세설명  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC2255 데이터시트(HTML) 16 Page - Linear Technology

Back Button LTC2255 Datasheet HTML 12Page - Linear Technology LTC2255 Datasheet HTML 13Page - Linear Technology LTC2255 Datasheet HTML 14Page - Linear Technology LTC2255 Datasheet HTML 15Page - Linear Technology LTC2255 Datasheet HTML 16Page - Linear Technology LTC2255 Datasheet HTML 17Page - Linear Technology LTC2255 Datasheet HTML 18Page - Linear Technology LTC2255 Datasheet HTML 19Page - Linear Technology LTC2255 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC2201
16
2201f
In applications where jitter is critical, such as when digi-
tizing high input frequencies, use as large an amplitude
as possible. It is also helpful to drive the CLK pin with a
low-jitter high frequency source which has been divided
down to the appropriate sample rate. If the ADC is clocked
with a sinusoidal signal, filter the CLK signal to reduce
wideband noise and distortion products generated by
the source.
Maximum and Minimum Conversion Rates
The maximum conversion rate for the LTC2201 is 20Msps.
For the ADC to operate properly the CLK signal should
have a 50% (±10%) duty cycle. Each half cycle must have
at least 20ns for the LTC2201 internal circuitry to have
enough settling time for proper operation.
An on-chip clock duty cycle stabilizer may be activated if
the input clock does not have a 50% duty cycle. This circuit
uses the falling edge of CLK pin to sample the analog input.
The rising edge of CLK is ignored and an internal rising
edge is generated by a phase-locked loop. The input clock
duty cycle can vary from 30% to 70% and the clock duty
cycle stabilizer will maintain a constant 50% internal duty
cycle. If the clock is turned off for a long period of time,
the duty cycle stabilizer circuit will require one hundred
clock cycles for the PLL to lock onto the input clock. To
use the clock duty cycle stabilizer, the MODE pin must be
connected to 1/3VDD or 2/3VDD using external resistors.
The lower limit of the LTC2201 sample rate is determined
by droop of the sample and hold circuits. The pipelined
architecture of this ADC relies on storing analog signals on
small valued capacitors. Junction leakage will discharge
the capacitors. The specified minimum operating frequency
for the LTC2201 is 1Msps.
Figure 8. Sinusoidal Single-Ended CLK Drive
CLK
0.1μF
0.1μF
4.7μF
1k
1k
FERRITE
BEAD
CLEAN 3.3V
SUPPLY
SINUSOIDAL
CLOCK
INPUT
2201 F08
NC7SVU04
56Ω
LTC2201
PGA Pin
The PGA pin selects between two gain settings for the ADC
front-end. PGA = 0 selects an input range of 2.5VP-P; PGA =
1 selects an input range of 1.667VP-P. The 2.5V input range
has the best SNR; however, the distortion will be higher for
input frequencies above 100MHz. For applications with high
input frequencies, the low input range will have improved
distortion; however, the SNR will be 2.4dB worse. See the
Typical Performance Characteristics section.
Driving the Clock Input
The CLK input can be driven directly with a CMOS or TTL
level signal. A sinusoidal clock can also be used along with a
low-jitter squaring circuit before the CLK pin (Figure 8).
The noise performance of the LTC2201 can depend on the
clock signal quality as much as on the analog input. Any
noise present on the clock signal will result in additional
aperture jitter that will be RMS summed with the inherent
ADC aperture jitter.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com