전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2255 데이터시트(PDF) 24 Page - Linear Technology

부품명 LTC2255
상세설명  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC2255 데이터시트(HTML) 24 Page - Linear Technology

Back Button LTC2255 Datasheet HTML 16Page - Linear Technology LTC2255 Datasheet HTML 17Page - Linear Technology LTC2255 Datasheet HTML 18Page - Linear Technology LTC2255 Datasheet HTML 19Page - Linear Technology LTC2255 Datasheet HTML 20Page - Linear Technology LTC2255 Datasheet HTML 21Page - Linear Technology LTC2255 Datasheet HTML 22Page - Linear Technology LTC2255 Datasheet HTML 23Page - Linear Technology LTC2255 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2201
24
2201f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 l FAX: (408) 434-0507 l www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2012
LT 0412 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC2202
16-Bit, 10Msps, 3.3V ADC
140mW, 81.6dB SNR, 100dB SFDR, 48-Pin QFN
LTC2203
16-Bit, 25Msps, 3.3V ADC
220mW, 81.6dB SNR, 100dB SFDR, 48-Pin QFN
LTC6404-1
600MHz Low Noise, Low Distortion, Differential
ADC Driver
1.5nV/√Hz Noise, –90dBc Distortion at 10MHz
LT1994
Low Noise, Low Distortion Fully
Differential Input/Output Amplifier/Driver
Low Distortion: –94dBc at 1MHz
LTC2204
16-Bit, 40Msps, 3.3V ADC
480mW, 79.1dB SNR, 100dB SFDR, 48-Pin QFN
LTC2205
16-Bit, 65Msps, 3.3V ADC
610mW, 79dB SNR, 100dB SFDR, 48-Pin QFN
LTC2206
16-Bit, 80Msps, 3.3V ADC
725mW, 77.9dB SNR, 100dB SFDR, 48-Pin QFN
LTC2207
16-Bit, 105Msps, 3.3V ADC
900mW, 77.9dB SNR, 100dB SFDR, 48-Pin QFN
LTC2208
16-Bit, 130Msps, 3,3V ADC, LVDS Outputs
1250mW, 77.1dB SNR, 100dB SFDR, 64-Pin QFN
LTC2224
12-Bit, 135Msps, 3.3V ADC, High IF Sampling
630mW, 67.6dB SNR, 84dB SFDR, 48-Pin QFN
LTC2242-12
12-Bit, 250Msps, 2.5V ADC, LVDS Outputs
740mW, 65.4dB SNR, 84dB SFDR, 64-Pin QFN
LTC2255
14-Bit, 125Msps, 3V ADC, Lowest Power
395mW, 72.5dB SNR, 88dB SFDR, 32-Pin QFN
LTC2284
14-Bit, Dual, 105Msps, 3V ADC, Low Crosstalk
540mW, 72.4dB SNR, 88dB SFDR, 64-pin QFN
LT5512
DC-3GHz High Signal Level
Downconverting Mixer
DC to 3GHz, 21dBm IIP3, Integrated LO Buffer
LT5514
Ultralow Distortion IF Amplifier/ADC Driver
with Digitally Controlled Gain
450MHz to 1dB BW, 47dB OIP3, Digital Gain Control 10.5dB to 33dB in 1.5dB/Step
LT5515
1.5GHz to 2.5GHz Direct Conversion
Quadrature Demodulator
High IIP3: 20dBm at 1.9GHz, Integrated LO Quadrature Generator
LT5516
800MHz to 1.5GHz Direct Conversion
Quadrature Demodulator
High IIP3: 21.5dBm at 900MHz, Integrated LO Quadrature Generator
LT5517
40MHz to 900MHz Direct Conversion
Quadrature Demodulator
High IIP3: 21dBm at 800MHz, Integrated LO Quadrature Generator
LT5522
600MHz to 2.7GHz High Linearity
Downconverting Mixer
4.5V to 5.25V Supply, 25dBm IIP3 at 900MHz. NF = 12.5dB, 50Ω Single Ended
RF and LO Ports
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com