전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3418 데이터시트(PDF) 20 Page - Linear Technology

부품명 LTC3418
상세설명  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 데이터시트(HTML) 20 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 16Page - Linear Technology LTC3418 Datasheet HTML 17Page - Linear Technology LTC3418 Datasheet HTML 18Page - Linear Technology LTC3418 Datasheet HTML 19Page - Linear Technology LTC3418 Datasheet HTML 20Page - Linear Technology LTC3418 Datasheet HTML 21Page - Linear Technology LTC3418 Datasheet HTML 22Page - Linear Technology LTC3418 Datasheet HTML 23Page - Linear Technology LTC3418 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTC3613
20
3613fa
APPLICATIONS INFORMATION
For applications where the main input power is less than
5.3V, tie the VIN and INTVCC pins together and tie the
combined pins to the PVIN input with an optional 1Ω or
2.2Ω resistor as shown in Figure 5 to minimize the voltage
drop caused by the gate charge current. This will override
the INTVCC LDO and will prevent INTVCC from dropping
too low due to the dropout voltage.
VIN Undervoltage Lockout (UVLO)
The LTC3613 has two functions that help protect the con-
troller in case of input undervoltage conditions. A precision
UVLO comparator constantly monitors the INTVCC voltage
to ensure that an adequate gate-drive voltage is present.
The comparator enables UVLO and locks out the switch-
ing action until INTVCC rises above 4.2V. Once UVLO is
released, the comparator does not retrigger UVLO until
INTVCC falls below 3.65V. This hysteresis prevents oscil-
lations when there are disturbances on INTVCC.
Another way to detect an undervoltage condition is to
monitor the VINsupply.BecausetheRUNpinhasaprecision
turn-on voltage of 1.2V, one can use a resistor divider from
VIN to turn on the IC when VIN is high enough. The RUN pin
has bias currents that depend on the RUN voltage as well as
SVIN voltage. These bias currents should be taken into ac-
count when designing the voltage divider and UVLO circuit
to prevent faulty conditions. Generally for RUN < 3V a bias
current of 1.3μA flows out of the RUN pin, and for RUN >
3V, correspondingly increasing current flows into the pin,
reaching about 35μA for RUN = 6V.
Soft-Start and Tracking
The LTC3613 has the ability to either soft-start by itself
with a capacitor or track the output of an external supply.
Soft-start or tracking features are achieved not by limiting
the maximum output current of the switching regulator
but by controlling the regulator’s output voltage according
to the ramp rate on the TRACK/SS pin.
When configured to soft-start by itself, a capacitor should
be connected to the TRACK/SS pin. TRACK/SS is pulled
low until the RUN pin voltage exceeds 1.2V and UVLO is
released, at which point an internal current of 1μA charges
the soft-start capacitor, CSS, connected to TRACK/SS.
Current foldback is disabled during this phase to ensure
smooth soft-start or tracking. The soft-start or tracking
range is defined to be the voltage range from 0V to 0.6V
on the TRACK/SS pin. The total soft-start time can be
calculated as:
tSOFTSTART =0.6V •
CSS
1μA
When the LTC3613 is configured to track another supply,
a voltage divider can be used from the tracking supply to
the TRACK/SS pin to scale the ramp rate appropriately.
Two common implementations of tracking as shown in
Figure 6 are coincident and ratiometric. For coincident
tracking, make the divider ratio from the external supply
the same as the divider ratio for the differential feedback
voltage. Ratiometric tracking could be achieved by using
a different ratio than the differential feedback (Figure 7).
Note that the small soft-start capacitor charging current is
always flowing, producing a small offset error. To minimize
this error, select the tracking resistive divider values to be
small enough to make this offset error negligible.
INTVCC
PVIN
LTC3613
SVIN
CVCC
RVIN
3613 F05
VIN
CIN
Figure 5. Setup for VIN ≤ 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com