전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3418 데이터시트(PDF) 24 Page - Linear Technology

부품명 LTC3418
상세설명  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 데이터시트(HTML) 24 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 20Page - Linear Technology LTC3418 Datasheet HTML 21Page - Linear Technology LTC3418 Datasheet HTML 22Page - Linear Technology LTC3418 Datasheet HTML 23Page - Linear Technology LTC3418 Datasheet HTML 24Page - Linear Technology LTC3418 Datasheet HTML 25Page - Linear Technology LTC3418 Datasheet HTML 26Page - Linear Technology LTC3418 Datasheet HTML 27Page - Linear Technology LTC3418 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTC3613
24
3613fa
APPLICATIONS INFORMATION
To further limit current in the event of a short circuit to
ground, the LTC3613 includes foldback current limiting.
If the output fails by more than 50%, then the maximum
sense voltage is progressively lowered to about one-fourth
of its full value.
If the output exceeds 7.5% of the programmed value,
then it is considered as an overvoltage (OV) condition.
In such a case, the top MOSFET is immediately turned
off and the bottom MOSFET is turned on indefinitely until
the OV condition is removed. Current limiting is not ac-
tive during an OV. If the output returns to a nominal level,
then normal operation resumes. If the OV persists a long
time, the current through the inductor could exceed its
maximum rating.
OPTI-LOOP Compensation
OPTI-LOOP compensation, through the availability of the
ITH pin, allows the transient response to be optimized for
a wide range of loads and output capacitors. The ITH pin
not only allows optimization of the control loop behavior
but also provides a test point for the step-down regulator’s
DC-coupled and AC-filtered closed-loop response. The DC
step, rise time and settling at this test point truly reflects the
closed-loop response. Assuming a predominantly second
order system, phase margin and/or damping factor can be
estimated using the percentage of overshoot seen at this
pin. The bandwidth can also be estimated by examining
the rise time at this pin.
The ITH series RITH-CITH1 filter sets the dominant pole-zero
loop compensation. Additionally, a small capacitor placed
from the ITH pin to SGND, CITH2, may be required to at-
tenuate high frequency noise. The values can be modified
to optimize transient response once the final PCB layout
is done and the particular output capacitor type and value
have been determined. The output capacitors need to be
selected because their various types and values determine
the loop feedback factor gain and phase. An output current
pulse of 20% to 100% of full load current having a rise
time of 1μs to 10μs will produce output voltage and ITH
pin waveforms that will give a sense of the overall loop
stability without breaking the feedback loop. The general
goal of OPTI-LOOP compensation is to realize a fast but
stable ITH response with minimal output droop due to
the load step. For a detailed explanation of OPTI-LOOP
compensation, refer to Application Note 76.
Switching regulators take several cycles to respond to a
step in load current. When a load step occurs, VOUT im-
mediately shifts by an amount equal to ΔILOAD• ESR, where
ESR is the effective series resistance of COUT. ΔILOAD also
begins to charge or discharge COUT, generating a feedback
error signal used by the regulator to return VOUT to its
steady-state value. During this recovery time, VOUT can
be monitored for overshoot or ringing that would indicate
a stability problem.
Connecting a resistive load in series with a power MOSFET,
then placing the two directly across the output capacitor
and driving the gate with an appropriate signal generator
is a practical way to produce a realistic load-step condi-
tion. The initial output voltage step resulting from the step
change in output current may not be within the bandwidth
of the feedback loop, so this signal cannot be used to
determine phase margin. This is why it is better to look
at the ITH pin signal which is in the feedback loop and
is the filtered and compensated feedback loop response.
The gain of the loop increases with RITH and the bandwidth
of the loop increases with decreasing CITH1. If RITH is
increased by the same factor that CITH1 is decreased, the
zero frequency will be kept the same, thereby keeping the
phase the same in the most critical frequency range of the
feedback loop. In addition, a feedforward capacitor, CFF,can
be added to improve the high frequency response, as shown
in Figure 1. Capacitor CFF provides phase lead by creating
a high frequency zero with RFB2 which improves the phase
margin. The output voltage settling behavior is related to
the stability of the closed-loop system and will demonstrate
overall performance of the step-down regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com